Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR24A Datasheet(PDF) 16 Page - Rohm

Part No. BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A Datasheet(HTML) 16 Page - Rohm

Back Button BR24A Datasheet HTML 10Page - Rohm BR24A Datasheet HTML 11Page - Rohm BR24A Datasheet HTML 12Page - Rohm BR24A Datasheet HTML 13Page - Rohm BR24A Datasheet HTML 14Page - Rohm BR24A Datasheet HTML 15Page - Rohm BR24A Datasheet HTML 16Page - Rohm BR24A Datasheet HTML 17Page - Rohm BR24A Datasheet HTML 18Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
BR24A□□-WM series
Technical Note
16/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
3. Set SDA and SCL so as not to become 'Hi-Z'.
When the above conditions 1 and 2 cannot be observed, take the following countermeasures.
a) In the case when the above condition 1 cannot be observed. When SDA becomes 'L' at power on .
Control SCL and SDA as shown below, to make SCL and SDA, 'H' and 'H'.
b) In the case when the above condition 2 cannot be observed.
After power source becomes stable, execute software reset(P11).
c) In the case when the above conditions 1 and 2 cannot be observed.
Carry out a), and then carry out b).
Low voltage malfunction prevention function
LVCC circuit prevents data rewrite action at low power, and prevents wrong write. At LVCC voltage (Typ. =1.2V) or below, it
prevent data rewrite.
VCC noise countermeasures
Bypass capacitor
When noise or surge gets in the power source line, malfunction may occur, therefore, for removing these, it is
recommended to attach a by pass capacitor (0.1μF) between IC VCC and GND. At that moment, attach it as close to IC as possible.
And, it is also recommended to attach a bypass capacitor between board VCC and GND.
Note of use
(1) Described numeric values and data are design representative values, and the values are not guaranteed.
(2) We believe that application circuit examples are recommendable, however, in actual use, confirm characteristics further
sufficiently. In the case of use by changing the fixed number of external parts, make your decision with sufficient margin
in consideration of static characteristics and transition characteristics and fluctuations of external parts and our LSI.
(3) Absolute maximum ratings
If the absolute maximum ratings such as impressed voltage and action temperature range and so forth are exceeded,
LSI may be destructed. Do not impress voltage and temperature exceeding the absolute maximum ratings. In the case
of fear exceeding the absolute maximum ratings, take physical safety countermeasures such as fuses, and see to it that
conditions exceeding the absolute maximum ratings should not be impressed to LSI.
(4)GND electric potential
Set the voltage of GND terminal lowest at any action condition. Make sure that each terminal voltage is lower than that of
GND terminal.
(5)Terminal design
In consideration of permissible loss in actual use condition, carry out heat design with sufficient margin.
(6)Terminal to terminal shortcircuit and wrong packaging
When to package LSI onto a board, pay sufficient attention to LSI direction and displacement. Wrong packaging may
destruct LSI. And in the case of shortcircuit between LSI terminals and terminals and power source, terminal and GND
owing to foreign matter, LSI may be destructed.
(7) Use in a strong electromagnetic field may cause malfunction, therefore, evaluate design sufficiently.
tLOW
tSU:DAT
tDH
After Vcc becomes stable
SCL
VCC
SDA
After Vcc becomes stable
tSU:DAT
Fig.60 When SCL= 'H' and SDA= 'L'
Fig.61 When SCL='L' and SDA='L'


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn