Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BR24A Datasheet(PDF) 15 Page - Rohm

Part No. BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BR24A Datasheet(HTML) 15 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
BR24A□□-WM series
Technical Note
15/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
I
2C BUS input / output circuit
Input (A0,A2,SCL)
Input / output (SDA)
Input (A1, WP)
Notes on power ON
At power on, in IC internal circuit and set, VCC rises through unstable low voltage area, and IC inside is not completely reset,
and malfunction may occur. To prevent this, functions of POR circuit and LVCC circuit are equipped. To assure the action,
observe the following conditions at power on.
1. Set SDA = 'H' and SCL ='L' or 'H'
2. Start power source so as to satisfy the recommended conditions of tR, tOFF, and Vbot for operating POR circuit.
Recommended conditions of tR, tOFF,Vbot
tR
tOFF
Vbot
10ms or below
10ms or longer
0.3V or below
100ms or below
10ms or longer
0.2V or below
Fig.56 Input pin circuit diagram
Fig.57 Input / output pin circuit diagram
Fig.58 Input pin circuit diagram
tOFF
tR
Vbot
0
VCC
Fig.59 Rise waveform diagram


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn