Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A Datasheet(PDF) 12 Page - Rohm

Part # BR24A
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A Datasheet(HTML) 12 Page - Rohm

Back Button BR24A Datasheet HTML 8Page - Rohm BR24A Datasheet HTML 9Page - Rohm BR24A Datasheet HTML 10Page - Rohm BR24A Datasheet HTML 11Page - Rohm BR24A Datasheet HTML 12Page - Rohm BR24A Datasheet HTML 13Page - Rohm BR24A Datasheet HTML 14Page - Rohm BR24A Datasheet HTML 15Page - Rohm BR24A Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BR24A□□-WM series
Technical Note
12/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
WP valid timing (write cancel)
WP is usually fixed to 'H' or 'L', but when WP is used to cancel write cycle and so forth, pay attention to the following WP
valid timing. During write cycle execution, in cancel valid area, by setting WP='H', write cycle can be cancelled. In both byte
write cycle and page write cycle, the area from the first start condition of command to the rise of clock to taken in D0 of
data(in page write cycle, the first byte data) is cancel invalid area.
WP input in this area becomes Don't care. Set the setup time to rise of D0 taken SCL 100ns or more. The area from the rise
of SCL to take in D0 to the end of internal automatic write (tWR) is cancel valid area. And, when it is set WP='H' during tWR,
write is ended forcibly, data of address under access is not guaranteed, therefore, write it once again. (Refer to Fig.49.) After
execution of forced end by WP, standby status gets in, so there is no need to wait for tWR (5ms at maximum).
Command cancel by start condition and stop condition
During command input, by continuously inputting start condition and stop condition, command can be cancelled.
(Refer to Fig. 50.)
However, in ACK output area and during data read, SDA bus may output 'L', and in this case, start condition and stop
condition cannot be input, so reset is not available. Therefore, execute software reset. And when command is cancelled by
start, stop condition, during random read cycle, sequential read cycle, or current read cycle, internal setting address is not
determined, therefore, it is not possible to carry out current read cycle in succession. When to carry out read cycle in
succession, carry out random read cycle.
Fig.49 WP valid timing
Fig.50 Case of cancel by start, stop condition during slave address input
SCL
SDA
1
1
0
0
Start condition
Stop condition
Rise of D0 taken clock
SCL
D0
ACK
Enlarged view
SCL
SDA
Enlarged view
ACK
D0
Rise of SDA
SDA
WP
WP cancel invalid area
WP cancel valid area
Write forced end
Data is not written.
Data not guaranteed
D7 D6 D5 D4 D3 D2 D1 D0
Data
tWR
SDA
D1
S
T
A
R
T
A
C
K
L
A
C
K
L
A
C
K
L
A
C
K
L
S
T
O
P
Word
address
Slave
address


Similar Part No. - BR24A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR24A PANJIT-BR24A Datasheet
89Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR24A TAYCHIPST-BR24A Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rohm
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
755Kb / 32P
   Operation I2 C BUS EEPROM
BR24A01A-WM ROHM-BR24A01A-WM Datasheet
2Mb / 32P
   105C Operation I2C BUS EEPROM
More results

Similar Description - BR24A

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com