Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA0909A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part No. TA0909A
Description  SAW Filter 900 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Homepage  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0909A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0909A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0909A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0909A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0909A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0909A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
D. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
E.OUTLINE DRAWING:
F.PCB FOOTPRINT:
Product Year Code
Year
2005
2007
2009
.
2006
2008
2010
.
Product Code
A
a
B : Input
E: Output
A,C,D,F Ground
:Year Code
: Date Code(Follow the table provided by planner each year.)
Unit: mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn