Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX16826 Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX16826
Description  Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16826 Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX16826 Datasheet HTML 11Page - Maxim Integrated Products MAX16826 Datasheet HTML 12Page - Maxim Integrated Products MAX16826 Datasheet HTML 13Page - Maxim Integrated Products MAX16826 Datasheet HTML 14Page - Maxim Integrated Products MAX16826 Datasheet HTML 15Page - Maxim Integrated Products MAX16826 Datasheet HTML 16Page - Maxim Integrated Products MAX16826 Datasheet HTML 17Page - Maxim Integrated Products MAX16826 Datasheet HTML 18Page - Maxim Integrated Products MAX16826 Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
rising edge of the clock. When using external synchro-
nization, the clock frequency set by RTCT must be 10%
lower than the synchronization signal frequency.
Overvoltage Protection (OVP)
OVP limits the maximum voltage of the switching regu-
lator output for protection against overvoltage due to
circuit faults, for example a disconnected FB. Connect
OVP to the center of a resistor-divider connected
between the switching regulator output and GND to set
the output-voltage OVP limit. Typically, the OVP output
voltage limit is set higher than the load dump voltage.
Calculate the value of R15 and R16 as follows:
R15 = (VOVP/1.25 - 1) x R16
Or to calculate VOVP:
VOVP = 1.25 x (1 + R15/R16)
where R15 and R16 are shown in the
Typical Application
Circuit. The internal OVP comparator compares the volt-
age at OVP with the internal reference (1.25V typ) to
decide if an overvoltage error occurs. If an overvoltage
error is detected, switching stops, the switching regula-
tor gate-drive output is latched off, and the soft-start
capacitor is discharged. The latch can only be reset by
toggling SYNC/EN, activating the I2C standby mode, or
cycling power.
The internal ADC also uses OVP to sense the switching
regulator output voltage. Output voltage measurement
information can be read back from the I2C interface.
Voltage is digitized to 7-bit resolution.
Undervoltage Lockout (UVLO)
When the voltage at VCC is below the VCC undervolt-
age threshold (VVCC_UVLO, typically 4.3V falling), the
MAX16826 enters undervoltage lockout. VCC UVLO
forces the linear regulators and the switching regulator
into shutdown mode until the VCC voltage is high
enough to allow the device to operate normally. In VCC
UVLO, the VCC regulator remains active.
Thermal Shutdown
The MAX16826 contains an internal temperature sensor
that turns off all outputs when the die temperature
exceeds +160°C. The outputs are enabled again when
the die temperature drops below +140°C. In thermal
shutdown, all internal circuitry is shut down with the
exception of the shunt regulator.
Linear Current Sources
(CS1–CS4, DL1–DL4)
The MAX16826 uses transconductance amplifiers to con-
trol each LED current sink. The amplifier outputs
(DL1–DL4) drive the gates of the external current sink FETs
(Q2 to Q5 in the
Typical Application Circuit). The source of
each MOSFET is connected to GND through a current-
sense resistor. CS1–CS4 are connected to the respective
inverting input of the amplifiers and also to the source of
the external current sink FETs where the LED string cur-
rent-sense resistors are connected. The noninverting input
of each amplifier is connected to the output of an internal
DAC. The DAC output is programmable using the I2C inter-
face to output between 97mV and 316mV. The regulated
string currents are set by the value of the current-sense
resistors (R28 to R31 in the
Typical Application Circuit) and
the corresponding DAC output voltages.
LED PWM Dimming (DIM1–DIM4)
The MAX16826 features a versatile dimming scheme for
controlling the brightness of the four LED strings.
Independent LED string dimming is accomplished by dri-
ving the appropriate DIM1–DIM4 inputs with a PWM sig-
nal with a frequency up to 100kHz. Although the
brightness of the corresponding LED string is proportional
to the duty cycle of its respective PWM dimming signal,
finite LED current rise and fall times limit this linearity when
the dim pulse width approaches 2µs. Each LED string
can be independently controlled. Simultaneous control of
the PWM dimming and the LED string currents in an ana-
log way over a 3:1 range provides great flexibility allowing
independent two-dimensional brightness control that can
be used for color point setup and brightness control.
Analog-to-Digital Converter (ADC)
The MAX16826 has an internal ADC that measures the
drain voltage of the external current sink driver FETs
(Q2 to Q5 in the
Typical Application Circuit) using
DR1 - DR4 and the switching regulator output voltage
using OVP. Fault monitoring and switching stage out-
put-voltage optimization is possible by using an exter-
nal microcontroller to read out these digitized voltages
through the I2C interface. The ADC is a 7-bit SAR (suc-
cessive-approximation register) topology. It sequential-
ly samples and converts the drain voltage of each
channel and VOVP. An internal 5-channel analog MUX
is used to select the channel the ADC is sampling.
Conversions are driven by an internally generated
1MHz clock and gated by the external dimming sig-
nals. After a conversion, each measurement is stored
into its respective register and can be accessed
through the I2C interface. The digital circuitry that con-
trols the analog MUX includes a 190ms timer. If the
ADC does not complete a conversion within this 190ms
measurement window then the analog MUX will
sequence to the next channel. For the ADC to complete
one full conversion, the cumulative PWM dimming on-
time must be greater than 10µs within the 190ms mea-
surement window. The minimum PWM dimming on-time
Programmable, Four-String HB LED Driver with
Output-Voltage Optimization and Fault Detection
______________________________________________________________________________________
15


Similar Part No. - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
MAX16826ATJ++ MAXIM-MAX16826ATJ+ Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
More results

Similar Description - MAX16826

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16826 MAXIM-MAX16826_11 Datasheet
238Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 4; 12/11
MAX16826 MAXIM-MAX16826_10 Datasheet
379Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 3; 6 /10
MAX16826 MAXIM-MAX16826_15 Datasheet
250Kb / 26P
   Programmable, Four-String HB LED Driver with Output-Voltage Optimization and Fault Detection
Rev 6; 2/15
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6978 MAXIM-MAX6978 Datasheet
327Kb / 13P
   8-Port, 5.5V Constant-Current LED Driver with LED Fault Detection and Watchdog
Rev 1; 3/05
logo
Allegro MicroSystems
A3187LUA-T ALLEGRO-A3187LUA-T Datasheet
684Kb / 8P
   Protected Quad Driver with Fault Detection and Sleep Mode
A2557 ALLEGRO-A2557_09 Datasheet
306Kb / 12P
   Protected Quad Driver with Fault Detection and Sleep Mode
logo
Analog Devices
ADUM4137 AD-ADUM4137_V01 Datasheet
623Kb / 28P
   High Voltage, Isolated IGBT Gate Driver with Fault Detection
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com