Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15041 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15041
Description  Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15041 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15041_10 Datasheet HTML 1Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 2Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 3Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 4Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 5Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 6Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 7Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 8Page - Maxim Integrated Products MAX15041_10 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM
Step-Down DC-DC Regulator with Internal Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 12V, CVDD = 1µF, CIN = 22µF, TA = TJ = -40°C to +85°C, typical values are at TA = +25°C, unless otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: LX has internal clamp diodes to PGND and IN. Applications that forward bias these diodes should take care not to exceed
the IC’s package power dissipation.
Note 2: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.
IN to SGND.............................................................-0.3V to +30V
EN to SGND .................................................-0.3V to (VIN + 0.3V)
LX to PGND ................................-0.3V to min (+30V, VIN + 0.3V)
LX to PGND .....................-1V to min (+30V, VIN + 0.3V) for 50ns
PGOOD to SGND .....................................................-0.3V to +6V
VDD to SGND............................................................-0.3V to +6V
COMP, FB, SS to SGND..............-0.3V to min (+6V, VDD + 0.3V)
BST to LX .................................................................-0.3V to +6V
BST to SGND .........................................................-0.3V to +36V
SGND to PGND ....................................................-0.3V to +0.3V
LX Current (Note 1) ....................................................-5A to +8A
Converter Output Short-Circuit Duration ...................Continuous
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (derate 14.7mW/°C above +70°C)
Multilayer Board .........................................................1666mW
Package Thermal Resistance (Note 2)
θJA ................................................................................48°C/W
θJC..................................................................................7°C/W
Operating Temperature Range ..........................-40°C to +85°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
STEP-DOWN CONVERTER
Input-Voltage Range
VIN
4.5
28
V
Input Supply Current
IIN
Switching
2.1
4
mA
VEN = 0V, VDD regulated by internal
LDO
212
Shutdown Input Supply Current
VEN = 0V, VIN = VDD = 5V
18
28
µA
ENABLE INPUT
EN Shutdown Threshold Voltage
VEN_SHDN
VEN rising
1.4
V
EN Shutdown Voltage Hysteresis
VEN_HYST
100
mV
VEN_LOCK
VEN rising
1.7
1.95
2.15
V
EN Lockout Threshold Voltage
VEN_LOCK_HYST
100
mV
EN Input Current
IEN
VEN = 2.9V
2
5.3
9
µA
POWER-GOOD OUTPUT
PGOOD Threshold
VPGOOD_TH
VFB rising
540
560
584
mV
PGOOD Threshold Hysteresis
VPGOOD_HYST
15
mV
PGOOD Output Low Voltage
VPGOOD_OL
IPGOOD = 5mA, VFB = 0.5V
35
100
mV
PGOOD Leakage Current
IPGOOD
VPGOOD = 5V, VFB = 0.7V
10
nA
ERROR AMPLIFIER
Error Amplifier
Transconductance
gMV
1.6
mS
Error Amplifier Voltage Gain
AVEA
90
dB
FB Set-Point Accuracy
VFB
600
606
612
mV
VFB = 0.5V
-100
+100
FB Input Bias Current
IFB
VFB = 0.7V
-100
+100
nA


Similar Part No. - MAX15041_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041 MAXIM-MAX15041_11 Datasheet
1Mb / 18P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
More results

Similar Description - MAX15041_10

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15041 MAXIM-MAX15041 Datasheet
1Mb / 16P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal Switches
Rev 0; 7/09
MAX15041 MAXIM-MAX15041_11 Datasheet
1Mb / 18P
   Low-Cost, 3A, 4.5V to 28V Input, 350kHz, PWM Step-Down DC-DC Regulator with Internal
Rev 3; 3/11
logo
Renesas Technology Corp
RAA211835 RENESAS-RAA211835 Datasheet
3Mb / 23P
   4.5V to 75V, 3A, DC/DC Nonsynchronous Step-Down Regulator with Internal Compensation and Adjustable Frequency
Mar 13, 2023
logo
Texas Instruments
TPS54335 TI1-TPS54335_13 Datasheet
1Mb / 40P
[Old version datasheet]   4.5V to 28V Input, 3A Output, Synchronous SWIFT Step-Down Voltage Regulator
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
   3A, 1.5MHz, 28V Step-down DC/DC
logo
Maxim Integrated Produc...
MAX17574 MAXIM-MAX17574_V01 Datasheet
1Mb / 21P
   4.5V to 60V, 3A, High-Efficiency, Synchronous Step-Down DC-DC Converter with Internal Compensation
2018
logo
Renesas Technology Corp
RAA211630 RENESAS-RAA211630 Datasheet
2Mb / 26P
   4.5V to 60V, 3A, DC/DC Synchronous Step-Down Regulator w/ Internal Compensation and Programmable Frequency
Oct 12, 2022
logo
Texas Instruments
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331 TI-TPS54331_1 Datasheet
879Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
logo
Monolithic Power System...
EV1593DN-00A MPS-EV1593DN-00A Datasheet
257Kb / 5P
   4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com