Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62612YFDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62612YFDR
Description  350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62612YFDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62612YFDR Datasheet HTML 7Page - Texas Instruments TPS62612YFDR Datasheet HTML 8Page - Texas Instruments TPS62612YFDR Datasheet HTML 9Page - Texas Instruments TPS62612YFDR Datasheet HTML 10Page - Texas Instruments TPS62612YFDR Datasheet HTML 11Page - Texas Instruments TPS62612YFDR Datasheet HTML 12Page - Texas Instruments TPS62612YFDR Datasheet HTML 13Page - Texas Instruments TPS62612YFDR Datasheet HTML 14Page - Texas Instruments TPS62612YFDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
V -InputVoltage-V
I
0
20
40
60
80
100
120
140
160
180
200
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.8
V
=1.8V
O
PFMtoPWM
ModeChange
PWMtoPFM
ModeChange
AlwaysPFM
AlwaysPWM
TheSwitchingMode
Changesat
TheseBorders
0
5
10
15
20
25
30
35
40
45
50
2.5
2.8 3.1
3.4
3.7
4.6
4.9
5.2
5.5
V -InputVoltage-V
I
T =85°C
A
T =25°C
A
T =-40°C
A
4.3
4.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
0
20
40
60
80 100 120 140 160 180 200
I
-LoadCurrent-mA
O
V
=1.8V
PFM/PWMOperation
O
V =2.5V
I
V =3.6V
I
V =4.8V
I
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V -InputVoltage-V
I
I
=10mA
O
I
=50mA
O
I
=150mA
O
I
=100mA
O
I
=200mA
O
I
=300mA
O
V
=1.8V
O
TPS62619, TPS62612
TPS62615, TPS62616
www.ti.com
SLVS936A – NOVEMBER 2009 – REVISED MARCH 2010
TYPICAL CHARACTERISTICS (continued)
QUIESCENT CURRENT
vs
PFM/PWM BOUNDARIES
INPUT VOLTAGE
Figure 21.
Figure 22.
PWM SWITCHING FREQUENCY
PFM SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
LOAD CURRENT
Figure 23.
Figure 24.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62619 TPS62612 TPS62615 TPS62616


Similar Part No. - TPS62612YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62612YFDR TI-TPS62612YFDR Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
More results

Similar Description - TPS62612YFDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62619 TI-TPS62619_10 Datasheet
915Kb / 29P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62619 TI-TPS62619 Datasheet
770Kb / 26P
[Old version datasheet]   350-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT < 0.4mm)
TPS62671 TI1-TPS62671_16 Datasheet
1Mb / 35P
[Old version datasheet]   500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPS6267x 500-mA/650-mA, 6-MHz High-Efficiency Step-Down Converter in Low Profile Chip Scale Packaging (Height < 0.4mm)
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
TPS62660 TI1-TPS62660_16 Datasheet
1Mb / 27P
[Old version datasheet]   1000-mA, 6-MHz High-Efficiency Step-Down Converter in Chip Scale Packaging
TPS6266X TI-TPS6266X Datasheet
643Kb / 27P
[Old version datasheet]   1000-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com