Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0710A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0710A
Description  SAW Filter 448MHz SMD 3.8횞3.8mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0710A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0710A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0710A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0710A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0710A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0710A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0710A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 448 MHz
MODEL NO.: TA0710A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 3 V
3.Operating Temperature: -10
°C to 60°C
4.Storage Temperature: -30
°C to +85°C
B. CHARACTERISTICS:
Item
Unit
Min.
Typical
Max.
Center frequency
Fc
MH
-
448
-
Insertion loss
Fc±1.5
MHz IL
dB
-
2.0
4.0
Amplitude ripple
Fc±1.5
MHz
dB
-
0.5
2.0
Attenuation (Reference level from 0 dB)
Fc-44.3 ~ Fc-41.3 MHz
dB
45
53
-
Fc+41.3 ~ Fc+44.3 MHz
dB
45
51
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note1. No matching network required for operation at 50Ω
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0710A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0710A GOLLEDGE-TA0710A Datasheet
196Kb / 5P
   SAW Filter 448MHz
More results

Similar Description - TA0710A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0709A TAI-SAW-TA0709A Datasheet
288Kb / 6P
   SAW Filter 448MHz SMD 3.0횞3.0mm
TA0538A TAI-SAW-TA0538A Datasheet
522Kb / 5P
   SAW Filter 868.6MHz SMD 3.8횞3.8mm
TA0706A TAI-SAW-TA0706A Datasheet
372Kb / 6P
   SAW Filter 426MHz SMD 3.8횞3.8mm
TA0736A TAI-SAW-TA0736A Datasheet
607Kb / 6P
   SAW Filter 800MHz SMD 3.8횞3.8mm
TA0594A TAI-SAW-TA0594A Datasheet
317Kb / 7P
   SAW Filter 441.265MHz SMD 3.8횞3.8mm
logo
Golledge Electronics Lt...
MP01855 GOLLEDGE-MP01855 Datasheet
196Kb / 5P
   SAW Filter 448MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0655A TAI-SAW-TA0655A Datasheet
366Kb / 6P
   SAW Filter 430MHz SMD 3.8횞3.8mm
TA0708A TAI-SAW-TA0708A Datasheet
372Kb / 6P
   SAW Filter 433.5MHz SMD 3.8횞3.8mm
TA0692A TAI-SAW-TA0692A Datasheet
346Kb / 6P
   SAW Filter 433MHz SMD 3.8횞3.8mm
TA0450A TAI-SAW-TA0450A Datasheet
1Mb / 6P
   SAW Filter 802MHz SMD 3.8횞3.8mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com