Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADUC7039 Datasheet(PDF) 1 Page - Analog Devices

Part # ADUC7039
Description  Integrated, Precision Battery Sensor for Automotive Systems
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUC7039 Datasheet(HTML) 1 Page - Analog Devices

  ADUC7039 Datasheet HTML 1Page - Analog Devices ADUC7039 Datasheet HTML 2Page - Analog Devices ADUC7039 Datasheet HTML 3Page - Analog Devices ADUC7039 Datasheet HTML 4Page - Analog Devices ADUC7039 Datasheet HTML 5Page - Analog Devices ADUC7039 Datasheet HTML 6Page - Analog Devices ADUC7039 Datasheet HTML 7Page - Analog Devices ADUC7039 Datasheet HTML 8Page - Analog Devices ADUC7039 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Integrated, Precision
Battery Sensor for Automotive Systems
ADuC7039
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
FEATURES
High precision ADC
Dual channel, simultaneous sampling, 16-bit,
Σ-Δ ADCs
Programmable ADC throughput from 10 Hz to 1 kHz
On-chip 5 ppm/ºC voltage reference
Current channel
Fully differential, buffered input
Programmable gain
ADC input range: −200 mV to +300 mV
Digital comparator with current accumulator feature
Voltage channel
Buffered, on-chip attenuator for 12 V battery input
Temperature channel
External and on-chip temperature sensor options
Microcontroller
ARM7TDMI-S core, 16-/32-bit RISC architecture
20.48 MHz PLL
On-chip precision oscillator
JTAG port supports code download and debug
Memory
64 kB Flash/EE memory options, 4-kB SRAM
10,000-cycle Flash/EE endurance, 20-year Flash/EE
retention
In-circuit download via JTAG and LIN
On-chip peripherals
LIN 2.1-compatible slave
SPI
GPIO port
1 × general-purpose timer
Wake-up and watchdog timers
On-chip power-on-reset
Power
Operates directly from 12 V battery supply
Current consumption 7.5 mA (10 MHz)
Low power monitor mode
Package and temperature range
32-pin, 6 mm × 6 mm LFCSP
Fully specified for −40°C to +115°C operation
APPLICATIONS
Battery sensing/management for automotive systems
FUNCTIONAL BLOCK DIAGRAM
16-BIT
Σ-Δ ADC
BUF
PGA
IIN+
IIN–
RESULT
ACCUMULATOR
DIGITAL
COMPARATOR
16-BIT
Σ-Δ ADC
MUX
BUF
TCK
RTCK
TDI TDO NTRST TMS
VBAT
VTEMP
GND_SW
PRECISION ANALOG ACQUISITION
20MHz
ARM7TDMI
MCU
PRECISION
OSC
LOW POWER
OSC
ON-CHIP PLL
1 × TIMER
WDT
W/U TIMER
GPIO PORT
SPI PORT
LIN
LIN
LDO
POR
MEMORY
64KB FLASH
4KB RAM
RESET
TEMPERATURE
SENSOR
PRECISION
REFERENCE
ADuC7039
Figure 1.


Similar Part No. - ADUC7039

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7032 AD-ADUC7032 Datasheet
910Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
ADUC7032-8L AD-ADUC7032-8L Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results

Similar Description - ADUC7039

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com