Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA466E1 Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA466E1
Description  SAW Filter 466MHz F11
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA466E1 Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA466E1 Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA466E1 Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA466E1 Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA466E1 Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. Frequency Characteristics :
TA466E1
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
Freq.(MHz)
TA466E1
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
Freq.(MHz)


Similar Part No. - TA466E1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA466E1 GOLLEDGE-TA466E1 Datasheet
65Kb / 3P
   SAW Filter 466.0MHz
More results

Similar Description - TA466E1

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0396A TAI-SAW-TA0396A Datasheet
429Kb / 4P
   SAW Filter 413.9MHz F11
TA450E1 TAI-SAW-TA450E1 Datasheet
208Kb / 4P
   SAW Filter 450MHz F11
TC0223A TAI-SAW-TC0223A Datasheet
216Kb / 3P
   SAW Resonator 315.15 MHz F11
TC0165A TAI-SAW-TC0165A Datasheet
199Kb / 3P
   SAW Resonator 390.000 MHz F11
TC433E1_A TAI-SAW-TC433E1_A Datasheet
205Kb / 3P
   SAW Resonator 433.92 MHz F11
TC433E1 TAI-SAW-TC433E1 Datasheet
210Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0232A TAI-SAW-TC0232A Datasheet
209Kb / 3P
   SAW Resonator 433.92 MHz F11
TC0166A TAI-SAW-TC0166A Datasheet
125Kb / 4P
   One-Port SAW Resonator 315MHz F11
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com