Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL23 Datasheet(PDF) 3 Page - Analog Devices

Part # SL23
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SL23 Datasheet(HTML) 3 Page - Analog Devices

  SL23 Datasheet HTML 1Page - Analog Devices SL23 Datasheet HTML 2Page - Analog Devices SL23 Datasheet HTML 3Page - Analog Devices SL23 Datasheet HTML 4Page - Analog Devices SL23 Datasheet HTML 5Page - Analog Devices SL23 Datasheet HTML 6Page - Analog Devices SL23 Datasheet HTML 7Page - Analog Devices SL23 Datasheet HTML 8Page - Analog Devices SL23 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 3 of 28
SPECIFICATIONS
VIN = 3.3 V, TJ = −40°C to +125°C for minimum/maximum specifications, and TA = 25°C for typical specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VIN
Voltage Range
VIN
3
20
V
Supply Current
IVIN
No switching, VIN = 12 V
640
800
μA
Shutdown Current
ISHDN
VEN = 0 V, VIN = 12 V
18
35
μA
Undervoltage Lockout Threshold
UVLO
VIN rising
2.80
2.95
V
VIN falling
2.15
2.40
V
FB
Regulation Voltage
VFB
TJ = 0°C to +125°C
0.788
0.800
0.812
V
TJ = −40°C to +125°C
0.784
0.800
0.816
V
Bias Current
IFB
0.01
0.1
μA
SW
On Resistance1
VBST − VSW = 5 V, ISW = 150 mA
440
700
Peak Current Limit2
VBST − VSW = 5 V, VIN = 12 V
1.5
1.9
2.5
A
Minimum On Time
100
135
ns
Minimum Off Time
ADP2300
145
190
ns
ADP2301
70
120
ns
OSCILLATOR FREQUENCY
ADP2300
0.5
0.7
0.9
MHz
ADP2301
1.0
1.4
1.75
MHz
SOFT START TIME
ADP2300
1460
μs
ADP2301
730
μs
EN
Input Threshold
VEN
1.13
1.2
1.27
V
Input Hysteresis
100
mV
Pull-Down Current
1.2
μA
BOOTSTRAP VOLTAGE
VBOOT
No switching, VIN = 12 V
5.0
V
THERMAL SHUTDOWN
Threshold
140
°C
Hysteresis
15
°C
1 Pin-to-pin measurements.
2 Guaranteed by design.


Similar Part No. - SL23

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL23 PANJIT-SL23 Datasheet
53Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 2.0 Amperes)
logo
First Silicon Co., Ltd
SL23 FS-SL23 Datasheet
188Kb / 3P
   VOLTAGE 20V ~ 40V 2.0AMP Surface Mount Low VF Schottky Barrier Rectifiers
logo
Transys Electronics
SL23 TRSYS-SL23 Datasheet
164Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SL23 VISHAY-SL23 Datasheet
96Kb / 5P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
logo
General Semiconductor
SL23 GE-SL23 Datasheet
79Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL23

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
[Old version datasheet]   17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
[Old version datasheet]   17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
[Old version datasheet]   17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com