Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8213-33ISE Datasheet(PDF) 10 Page - Microsemi Corporation

Part # LX8213-33ISE
Description  300mA Low Noise CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8213-33ISE Datasheet(HTML) 10 Page - Microsemi Corporation

Back Button LX8213-33ISE Datasheet HTML 3Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 4Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 5Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 6Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 7Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 8Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 9Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 10Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LX8213
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 10
Copyright
© 2009
Rev. 1.1, 2009-03-24
300mA Low Noise CMOS LDO Regulator
TM
®
APPLICA T ION IN F O RM ATION
Description
The LX8213 is a family of CMOS based LDO (Low Drop-Out)
regulators in a small 5 pin SOT-23 package that provides a
compact and cost effective solution. The LX8213 is offered with
fixed output voltages of 1.2V or 3.3V, in addition to an adjustable
version with an output voltage range of 1.2V to 5.5V.
The
LX8213 features low power consumption over a wide supply
voltage range, high output voltage accuracy, low dropout,
excellent line and load regulation, fast transient response, and low
noise. Please refer to the Electrical Characteristics Table for the
specifications.
Input Capacitor
To improve load transient response and noise rejection, an
input bypass capacitor is recommended, but it is not required
for stability. There are no requirements for the ESR
(Equivalent Series Resistor) on the input capacitor, but
tolerance and temperature coefficient must be considered
when selecting the capacitor to ensure the capacitor will be
around 1µF over the entire operating temperature range.
Capacitors with X5R or X7R characteristics are recommended.
Output Capacitor
For stability of the regulator, use a minimum 1uF capacitor to
bypass from VOUT to GND. Note that the LX8213 is stable
using low ESR ceramic capacitors. Capacitors with X5R or
X7R
characteristics
generally
perform
well
and
are
recommended.
Adjustable Output Voltage
The LX8213-00 output voltage can be set within the range of
1.2V to 5.5V by connecting the FB pin to an external resistor
divider (See Figure 3). The output voltage can be calculated
using:
⎥⎦
⎢⎣
+
=
R2
R1
1
0.8
V
OUT
R2 is chosen to minimize the power dissipated by the resistor
divider network while providing enough FB input bias current.
A value of 8.06kΩ is recommended.
Shutdown (
SHDN )
The LX8213 includes an active low shutdown input ( SHDN ).
When the SHDN pin is left floating, an internal pull down
resistor to GND of 3MΩ will automatically disable the device.
Upon shutdown, an internal MOSFET connected from VOUT
to GND will be turned ON to discharge the output capacitor.
To enable the regulator, set SHDN to logic high. If shutdown
capability is not required, connect SHDN pin to VIN. For
specification on minimum and maximum logic high levels,
please refer to the Electrical Characteristics Table.
Foldback Current Limit
The LX8213 uses a foldback current limit. When the load current
exceeds approximately 400mA, the output voltage is reduced
along with the output current, minimizing power dissipated and
protecting the device from excessive heating.
Short Circuit Current Protection
Under conditions where the output of the LX8213 is shorted to
ground, internal circuitry will limit the device to source only about
50mA.
Temperature Protection
The thermal protection shuts down the LX8213 when the junction
temperature exceeds approximately 165°C, with a hysteresis of
about 30˚C.
Thermal Consideration
Thermal shutdown protects the integrated circuit from thermal
overload caused from a rise in junction temperature during power
dissipation. This means the protection is intended for fault
protection only and not as a means of current or power limiting
during normal application usage. Proper thermal evaluation
should be done to ensure that the junction temperature dose not
exceed it’s maximum rating. Operating at the maximum TJ of
150°C can impact reliability. Due to variation in individual device
electrical characteristics and thermal resistance, the built in
thermal overload protection may be activated at power levels
slightly above or below the rated dissipation.
Power dissipation for regulator can be calculated using the
following equation:
PD = (VIN(MAX)-VOUT(MIN)) * IOUT(MAX)
(Note: power dissipation resulting from quiescent current is
negligible)
For the SOT23 package, thermal resistance,
θJA is 250°C/W
when mounted on a FR4 copper clad PCB. Junction temperature
of the integrated circuit can be calculated using:
TJ = TA + TRISE, substituting: TA + (PD * θJA).
An example: Given conditions: TA = 25°C, VIN= 2.5V, VOUT= 1.2V,
IOUT= 200mA.
Calculated values:
Total Power dissipation PD(total) = (2.5-1.2) V * 0.2A =0.26W
Junction Temperature
TJ = 25°C +(0.26W *250°C/W) = 90°C


Similar Part No. - LX8213-33ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE-TR MICROSEMI-LX8211-00ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8213-33ISE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
319Kb / 2P
   300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com