Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8213-33ISE Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8213-33ISE
Description  300mA Low Noise CMOS LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8213-33ISE Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8213-33ISE Datasheet HTML 1Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 2Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 3Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 4Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 5Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 6Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 7Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 8Page - Microsemi Corporation LX8213-33ISE Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
LX8213
PRODUCTION DATASHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2009
Rev. 1.1, 2009-03-24
300mA Low Noise CMOS LDO Regulator
TM
®
ELECTRI CAL CHARACTERISTICS
LX8213-12ISE/-33ISE (Fixed Output). Unless otherwise specified, the following specifications apply over the operating temperature of -40
°C
T
A
85
°C with the following test conditions: VIN=2.5V for VOUT=1.2V, VIN=(VOUT+1V) for VOUT=3.3V, SHDN = HIGH, CIN=1μF, COUT=1μF
LX8213-12/33
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
LX8213-12ISE (1.2V), LX8213-33ISE (3.3V) (FIXED OUTPUT)
Output Voltage
VOUT
1mA ≤ IOUT ≤ 300mA
98%*
VOUT
102%*
VOUT
V
Input Voltage
VIN
2.5
6
V
Maximum Output Current
IOUT(MAX)
300
400
mA
Load Regulation
ΔVOUT
/ VOUT
1mA ≤ IOUT ≤ 300mA
0.7
%
Line Regulation
ΔVOUT
/ VOUT
2.5V ≤ VIN ≤ 6V for VOUT=1.2V,
(VOUT+0.5V) ≤ VIN ≤ 6V for VOUT=3.3V,
IOUT=30mA
0.2
%
Dropout Voltage
VDROP
VOUT=3.3V, IOUT=300mA, ΔVOUT=-1%
170
300
mV
Quiescent Current
IQ
IOUT=0mA
60
90
uA
Shutdown Current
ISHDN
SHDN = LOW
0.1
1.0
uA
f=100Hz
68
f=1kHz
68
Power Supply Rejection Ratio
PSRR
Ripple 1Vpp,
VIN=3V for VOUT=1.2V
VIN=4.3V for VOUT=3.3V
f=10kHz
54
dB
Output Voltage Temperature
Coefficient
(ΔVOUT/VOUT)
/ΔT
IOUT=30mA, -40°C
T
A
85°C
±100
ppm/˚C
Short Current Limit
ISHORT
VOUT=0V
50
mA
Soft Start Time
tUP
50
uS
Shutdown “High” Logic Threshold
(Device Enabled)
1.5
6
V
Shutdown “Low” Logic Threshold
(Device Disabled)
0
0.4
V
VOUT Discharge Internal MOSFET
RDS(ON)
SHDN = LOW
60
Shutdown Internal Pull Down
Resistance
3
MΩ
Thermal Shutdown
165
˚C
Thermal Shutdown Hysteresis
30
˚C


Similar Part No. - LX8213-33ISE

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8211 MICROSEMI-LX8211 Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211 MICROSEMI-LX8211 Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
318Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE MICROSEMI-LX8211-00ISE Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
LX8211-00ISE-TR MICROSEMI-LX8211-00ISE-TR Datasheet
298Kb / 9P
   150mA CMOS Low Dropout Regulator
More results

Similar Description - LX8213-33ISE

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
   Low Noise, 300mA CMOS LDO Regulator
logo
TECH PUBLIC Electronics...
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
   300mA,Ultra-Low Noise, CMOS LDO Regulator
logo
Diodes Incorporated
AP139 DIODES-AP139 Datasheet
227Kb / 7P
   300mA LOW-NOISE CMOS LDO
AP139 Rev. 2
logo
Anachip Corp
AP139 ANACHIP-AP139 Datasheet
183Kb / 8P
   300mA Low-Noise CMOS LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
319Kb / 2P
   300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Richtek Technology Corp...
RT9198 RICHTEK-RT9198_08 Datasheet
239Kb / 18P
   300mA, Low Noise, Ultra-Fast CMOS LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9180 BELLING-BL9180_13 Datasheet
905Kb / 13P
   Dual,300mA Ultra-low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com