Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0440A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0440A
Description  SAW Filter 1575.42 MHz SMD 3X3 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0440A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0440A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0440A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. MEASUREMENT CIRCUIT:
D. OUTLINE DRAWING:
E. PCB FOOTPRINT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F
B: Input
E: Output
A,C,D,F: Ground
: Year Code
: Date Code


Similar Part No. - TA0440A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0440A TAI-SAW-TA0440A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA0440A GOLLEDGE-TA0440A Datasheet
232Kb / 5P
   1575.420MHz SAW Filter
More results

Similar Description - TA0440A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0449A TAI-SAW-TA0449A Datasheet
256Kb / 5P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0316A TAI-SAW-TA0316A Datasheet
1Mb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA1575GG TAI-SAW-TA1575GG Datasheet
384Kb / 6P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0769A TAI-SAW-TA0769A Datasheet
277Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0X1.6 mm
TA0406A TAI-SAW-TA0406A Datasheet
446Kb / 7P
   SAW Filter 1575.42 MHz SMD 2.0x1.6 mm
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com