Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDRH5D28RHPNP-100M Datasheet(PDF) 11 Page - Analog Devices

Part # CDRH5D28RHPNP-100M
Description  1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH5D28RHPNP-100M Datasheet(HTML) 11 Page - Analog Devices

Back Button CDRH5D28RHPNP-100M Datasheet HTML 7Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 8Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 9Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 10Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 11Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 12Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 13Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 14Page - Analog Devices CDRH5D28RHPNP-100M Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADP2300/ADP2301
Rev. 0 | Page 11 of 28
1
3
VOUT
VIN
SW
CH1 5mV
CH3 5V
CH2 10V
M1ms
A CH3
11.4V
B
W
B
W
2
Figure 34. ADP2301 Line Transient,
7 V to 15 V, VOUT = 3.3 V, IOUT = 1.2 A, fSW = 1.4 MHz
CH1 1V
CH4 1A Ω
CH2 10V
M10µs
A CH1
2.56V
2
4
1
B
W
B
W
B
W
VOUT
SW
IL
Figure 35. ADP2301 Short-Circuit Entry, VOUT = 3.3 V
(fSW = 1.4 MHz)
CH1 1V
CH4 1A Ω
CH2 10V
M100µs
A CH1
1.2V
2
4
1
B
W
B
W
B
W
VOUT
SW
IL
Figure 36. ADP2301 Short-Circuit Recovery, VOUT = 3.3 V
(fSW = 1.4 MHz)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
12
1M
CROSS FREQUENCY: 127kHz
PHASE MARGIN: 53°
FREQUENCY (Hz)
Figure 37. ADP2301 Bode Plot, VOUT = 5.0 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 μH, COUT = 10 μF)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
2
1M
CROSS FREQUENCY: 80kHz
PHASE MARGIN: 68°
1
FREQUENCY (Hz)
Figure 38. ADP2301 Bode Plot, VOUT = 3.3 V, VIN = 12 V
(fSW = 1.4 MHz, L = 4.7 μH, COUT = 22 μF)
–100
–80
–60
–40
–20
0
20
40
60
80
100
–200
–160
–120
–80
–40
0
40
80
120
160
200
1k
10k
100k
12
1M
CROSS FREQUENCY: 27kHz
PHASE MARGIN: 76°
FREQUENCY (Hz)
Figure 39. ADP2300 Bode Plot, VOUT = 5.0 V, VIN = 12 V
(fSW = 700 kHz, L = 10 μH, COUT = 22 μF)


Similar Part No. - CDRH5D28RHPNP-100M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH5D28RHPNP-100MC SUMIDA-CDRH5D28RHPNP-100MC Datasheet
176Kb / 4P
   SMD Power Inductor
More results

Similar Description - CDRH5D28RHPNP-100M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2301AUJZ-R7 AD-ADP2301AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2300AUJZ-R7 AD-ADP2300AUJZ-R7 Datasheet
608Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. C
ADP2302 AD-ADP2302_12 Datasheet
984Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. A
ADP2302 AD-ADP2302 Datasheet
1,009Kb / 28P
   2 A/3 A, 20 V, 700 kHz, Nonsynchronous Step-Down Regulators
REV. 0
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
[Old version datasheet]   17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249 Datasheet
627Kb / 22P
[Old version datasheet]   17 V, 3 A, Constant 1.4 MHz Synchronous Step-Down Voltage Regulator
TPS563249 TI1-TPS563249_18 Datasheet
670Kb / 21P
[Old version datasheet]   17-V, 3-A, Constant 1.4-MHz Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS62040 TI1-TPS62040_12 Datasheet
944Kb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
TPS62040 TI1-TPS62040_17 Datasheet
1Mb / 30P
[Old version datasheet]   1.2 A/1.25 MHz, HIGH-EFFICIENCY STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com