Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX1973BIPR Datasheet(PDF) 7 Page - Microsemi Corporation

Part # LX1973BIPR
Description  Automotive Light Sensor TM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1973BIPR Datasheet(HTML) 7 Page - Microsemi Corporation

  LX1973BIPR Datasheet HTML 1Page - Microsemi Corporation LX1973BIPR Datasheet HTML 2Page - Microsemi Corporation LX1973BIPR Datasheet HTML 3Page - Microsemi Corporation LX1973BIPR Datasheet HTML 4Page - Microsemi Corporation LX1973BIPR Datasheet HTML 5Page - Microsemi Corporation LX1973BIPR Datasheet HTML 6Page - Microsemi Corporation LX1973BIPR Datasheet HTML 7Page - Microsemi Corporation LX1973BIPR Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LX1973B
PRODUCTION DATA SHEET
Microsemi
Analog Mixed Signal Group
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 7
Automotive Light Sensor
TM
®
Copyright
© 2007
Rev. 1.3, 2008-01-11
PACKAGE DIMENSIONS
PL 8-Pin Miniature Shrink Outline Package (MSOP) Dome Top
D
E
e
E/2
D/2
A2
L1
L
b
A1
Seating Plane
E1
c
A
S
θ
R 0.9mm
Typ
12
34
5
6
7
8
PIN # NAME
1VDD
2NC
3NC
4OUT
5NC
6NC
7NC
8VSS
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
1.60
1.85
0.063
0.073
A1
0.05
0.15
0.002
0.006
A2
-
1.10
-
0.043
b
0.26
0.41
0.010
0.016
c
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
4.75
5.05
0.187
0.199
E1
2.90
3.10
0.114
0.122
e
0.65 BSC
0.026 BSC
L
0.41
0.71
0.016
0.028
L1
0.95 REF
0.037 REF
S
0.525 REF
0.021 REF
θ
Note:
1.
Dimensions do not include mold flash or
protrusions;
these
shall
not
exceed
0.155mm(.006”) on any side. Lead dimension
shall not include solder coverage.
PR
8-Pin Plastic MSOP Clear Package Inverted Dome
E
A
E1
D
e1
e
b
A2
A3
A1
c
θ
L1
L
PIN # NAME
1VDD
2NC
3NC
4OUT
5NC
6NC
7NC
8VSS
12
3
4
5
6
7
8
MILLIMETERS
INCHES
Dim
MIN
MAX
MIN
MAX
A
-
1.68
-
0.066
A1
0.05
0.15
0.002
0.006
A2
0.81
0.92
0.032
0.036
A3
0.66
0.76
0.026
0.030
b
0.26
0.41
0.010
0.016
c
0.13
0.23
0.005
0.009
D
2.90
3.10
0.114
0.122
E
4.75
5.05
0.187
0.199
E1
2.90
3.10
0.114
0.122
e
0.65 BSC
0.026 BSC
e1
1.95 TYP
0.077 TYP
L
0.41
0.71
0.016
0.028
L1
0.95 REF
0.037 REF
θ


Similar Part No. - LX1973BIPR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973AIDR MICROSEMI-LX1973AIDR Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1973AIDR MICROSEMI-LX1973AIDR Datasheet
244Kb / 10P
   Automotive Light Sensor
More results

Similar Description - LX1973BIPR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1973 MICROSEMI-LX1973 Datasheet
293Kb / 7P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A_09 Datasheet
244Kb / 10P
   Automotive Light Sensor
LX1973A MICROSEMI-LX1973A Datasheet
291Kb / 10P
   Automotive Light Sensor
LX1970 MICROSEMI-LX1970_08 Datasheet
440Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC243-3B EVERLIGHT-ALS-PDIC243-3B Datasheet
209Kb / 8P
   Ambient Light Sensor
logo
KODENSHI_AUK CORP.
KVS-2023 KODENSHI-KVS-2023 Datasheet
134Kb / 2P
   Visible Light Sensor
logo
New Japan Radio
NJL7502L NJRC-NJL7502L Datasheet
248Kb / 7P
   Ambient Light Sensor
logo
California Eastern Labs
PH5553A2NA1 CEL-PH5553A2NA1 Datasheet
663Kb / 13P
   Ambient Light Sensor
logo
Microsemi Corporation
LX1970 MICROSEMI-LX1970 Datasheet
438Kb / 10P
   Visible Light Sensor
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com