Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT2012P5-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXT2012P5-13
Description  60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2012P5-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXT2012P5-13 Datasheet HTML 1Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 2Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 3Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 4Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 5Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 6Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXT2012P5
Document number: DS32070 Rev. 2 - 2
4 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2012P5
PowerDI is a registered trademark of Diodes
A Product Line of
Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-100
-120
V
IC = -100μA
Collector-Emitter Breakdown Voltage (Note 7)
V(BR)CEO
-60
-80
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-7
-8.1
V
IE = -100μA
Collector Cutoff Current
ICBO
<1
-20
-0.5
nA
μA
VCB = -80V
VCB = -80V, Tamb = 100 °C
Collector Cutoff Current
ICER
R
≤1kΩ
<1
-20
-0.5
nA
μA
VCB = -80V
VCB = -80V, Tamb = 100 °C
Emitter Cutoff Current
IEBO
<1
-10
nA
VEB = -6V
Collector-Emitter Saturation Voltage (Note 7)
VCE(sat)
-15
-55
-90
-195
-25
-70
-120
-250
mV
IC = -0.1A, IB = -10mA
IC = -1A, IB = -100mA
IC = -2A, IB = -200mA
IC = -5A, IB = -500mA
Base-Emitter Saturation Voltage (Note 7)
VBE(sat)
-1030
-1150
mV
IC = -5A, IB = -500mA
Base-Emitter Turn-On Voltage (Note 7)
VBE(on)
-920
-1020
mV
VCE = -1V, IC = -5A
DC Current Gain (Note 7)
hFE
100
100
45
10
250
200
90
25
300
VCE = -1V, IC = -10mA
VCE = -1V, IC = -2A
VCE = -1V, IC = -5A
VCE = -1V, IC = -10A
Transition Frequency
fT
120
MHz
VCE = -10V, IC = -100mA,
f = 50MHz
Output Capacitance
Cobo
48
pF
VCB = -10V, f = 1MHz
Switching Times
ton
toff
39
370
ns
VCC = 10V, IC = 1A,
IB1 = IB2 = -100mA
Notes:
7. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.


Similar Part No. - DXT2012P5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
More results

Similar Description - DXT2012P5-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DXT2010P5 DIODES-DXT2010P5_15 Datasheet
204Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
DXT2010P5 DIODES-DXT2010P5 Datasheet
204Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR PowerDI짰5
DS32011 Rev. 2 - 2
DXT2014P5 DIODES-DXT2014P5 Datasheet
200Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32009 Rev. 2 - 2
DXT2013P5 DIODES-DXT2013P5_15 Datasheet
210Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DXT2014P5 DIODES-DXT2014P5_15 Datasheet
200Kb / 7P
   140V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DXT2013P5 DIODES-DXT2013P5 Datasheet
210Kb / 7P
   100V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32010 Rev. 2 - 2
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR
ZXTP19060CFF DIODES-ZXTP19060CFF_16 Datasheet
432Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR
FMMT591Q DIODES-FMMT591Q_17 Datasheet
574Kb / 7P
   60V PNP MEDIUM POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com