Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0363A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0363A
Description  SAW Filter 1842.5 MHz SMD 3X3 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0363A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0363A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0363A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
A2. MAXIMUM RATING:
1.Input Power Level: 13 dBm
2.DC voltage: 0 V
3.Operating Temperature: -30
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B2. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
1842.5
-
Insertion loss (1805~1880 MHz)
IL
(dB)
-
2.2
3.8
Amplitude ripple (1805~1880 MHz)
(dB)
-
1.3
2.3
Attenuation (Reference level from 0 dB)
D.C. ~ 1500
MHz
(dB)
20.0
24.5
-
1500 ~ 1710
MHz
(dB)
22.0
25.0
-
1710 ~ 1785
MHz
(dB)
10.0
23.5
-
1920 ~ 3120
MHz
(dB)
25.0
28.0
-
3120 ~ 4000
MHz
(dB)
17.0
30.0
-
Input/Output VSWR (1805~1880 MHz)
-
2.0
2.2
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-


Similar Part No. - TA0363A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0363A GOLLEDGE-TA0363A Datasheet
76Kb / 6P
   SAW Filter 1842.50MHz
More results

Similar Description - TA0363A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0363F TAI-SAW-TA0363F Datasheet
257Kb / 7P
   SAW Filter 1842.5 MHz SMD 3X3 mm
TA0762A TAI-SAW-TA0762A Datasheet
508Kb / 7P
   SAW Filter 1747.5 MHz SMD 3X3 mm
TA0465A TAI-SAW-TA0465A Datasheet
404Kb / 6P
   SAW Filter 2160 MHz SMD 3X3 mm
TA0515A TAI-SAW-TA0515A Datasheet
562Kb / 7P
   SAW Filter 2345 MHz SMD 3X3 mm
TA0315A TAI-SAW-TA0315A Datasheet
257Kb / 7P
   SAW Filter 1575.42 MHz SMD 3X3 mm
TA0222A TAI-SAW-TA0222A Datasheet
499Kb / 8P
   SAW Filter 2442 MHz SMD 3X3 mm
TA0273A TAI-SAW-TA0273A Datasheet
465Kb / 7P
   SAW Filter 2332.5 MHz SMD 3X3 mm
TA0175H TAI-SAW-TA0175H Datasheet
421Kb / 7P
   SAW Filter 1960 MHz SMD 3X3 mm
TA0494A TAI-SAW-TA0494A Datasheet
409Kb / 6P
   SAW Filter 897.5 MHz SMD 3X3 mm
TA0254A TAI-SAW-TA0254A Datasheet
462Kb / 7P
   SAW Filter 930 MHz SMD 3X3 mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com