Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS1894-32 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS1894-32
Description  10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1894-32 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS1894-32_1 Datasheet HTML 5Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 6Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 7Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 8Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 9Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 10Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 11Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 12Page - Integrated Device Technology ICS1894-32_1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
ICS1894-32
10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
PHYCEIVER
IDT® 10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
9
ICS1894-32
REV G 020509
PHY is capable of detecting, and that may otherwise be
undetectable by the MAC sub-layer) was detected
somewhere in the frame presently being transferred from
the PHY. RXER transitions synchronously with respect to
RXC. While RXDV is de-asserted, RXER has no effect on
the MAC.
Reduced MII (RMII) Data Interface
The Reduced Media Independent Interface (RMII) specifies
a low pin count Media Independent Interface (MII). It
provides a common interface between physical layer and
MAC layer devices, and has the following key
characteristics:
Supports 10Mbps and 100Mbps data rates.
Uses a single 50MHz reference clock provided by the
MAC or the system board.
Provides independent 2-bit wide (di-bit) transmit and
receive data paths.
Contains two distinct groups of signals: one for
transmission and the other for reception.
In RMII mode, a 50 MHz reference clock is connected to
REFIN(pin 30).


Similar Part No. - ICS1894-32_1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
More results

Similar Description - ICS1894-32_1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1894-40 IDT-ICS1894-40_11 Datasheet
341Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40_10 Datasheet
342Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-32 RENESAS-ICS1894-32 Datasheet
513Kb / 51P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
REV M 021512
logo
Integrated Device Techn...
ICS1894-32 IDT-ICS1894-32_10 Datasheet
317Kb / 50P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-32 IDT-ICS1894-32 Datasheet
413Kb / 53P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
ICS1894-40 IDT-ICS1894-40 Datasheet
465Kb / 52P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
logo
Renesas Technology Corp
ICS1894-33 RENESAS-ICS1894-33 Datasheet
554Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
021612
ICS1894-40 RENESAS-ICS1894-40 Datasheet
575Kb / 54P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
022412
ICS1894-43 RENESAS-ICS1894-43 Datasheet
505Kb / 39P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH RMII INTERFACE
030112
ICS1894-34 RENESAS-ICS1894-34 Datasheet
567Kb / 49P
   10BASE-T/100BASE-TX INTEGRATED PHYCEIVER WITH MII INTERFACE
REV B 052112
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com