Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0342A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0342A
Description  SAW Filter 713MHz SMD 5.0횞5.0 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0342A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0342A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0342A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0342A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0342A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0342A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0342A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 713 MHz
MODEL NO.: TA0342A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 12 dBm
2.DC voltage: 10 V
3.Operating Temperature: -10
°C to +60°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Reference temperature: 25
°C
Item
Min.
Typical
Max.
Center frequency
Fc MHz
-
713
-
Insertion loss
710 ~ 716 MHz
IL
dB
-
2.4
4.5
Amplitude ripple 710 ~ 716 MHz
dB
-
0.5
-
Absolute Attenuation
0 ~ 613
MHz
dB
44
50
-
613 ~ 663
MHz
dB
40
48
-
663 ~ 690
MHz
dB
35
43
-
740 ~ 746
MHz
dB
35
46
-
763 ~ 813
MHz
dB
40
50
-
813 ~ 1000
MHz
dB
38
45
-
1000 ~ 1500
MHz
dB
25
34
-
Group Delay Variation (p-p)
ns
-
40
-
Temperature coefficient of frequency
ppm/
°C
-35
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0342A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0342A GOLLEDGE-TA0342A Datasheet
266Kb / 5P
   SAW Filter 713.0MHz
More results

Similar Description - TA0342A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0422A TAI-SAW-TA0422A Datasheet
695Kb / 5P
   SAW Filter 230.4MHz SMD 5.0횞5.0 mm
TA0693A TAI-SAW-TA0693A Datasheet
286Kb / 6P
   SAW Filter 435MHz SMD 5.0횞5.0 mm
TA0437A TAI-SAW-TA0437A Datasheet
444Kb / 5P
   SAW Filter 169MHz SMD 5.0횞5.0 mm
TB0705A TAI-SAW-TB0705A Datasheet
293Kb / 7P
   SAW Filter 453MHz (SMD 5.0횞5.0 mm)
TB0704A TAI-SAW-TB0704A Datasheet
290Kb / 7P
   SAW Filter 420MHz (SMD 5.0횞5.0 mm)
TB0703A TAI-SAW-TB0703A Datasheet
425Kb / 7P
   SAW Filter 280MHz (SMD 5.0횞5.0 mm)
TA0369A TAI-SAW-TA0369A Datasheet
523Kb / 5P
   SAW Filter 220MHz SMD 5.0횞5.0 mm
TA0526A TAI-SAW-TA0526A Datasheet
226Kb / 7P
   SAW Filter 415.4MHz SMD 5.0횞5.0 mm
TA0461A TAI-SAW-TA0461A Datasheet
484Kb / 5P
   SAW Filter 184MHz SMD 5.0횞5.0 mm
TA0486A TAI-SAW-TA0486A Datasheet
272Kb / 5P
   SAW Filter 285MHz SMD 5.0횞5.0 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com