Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD7830NUV Datasheet(PDF) 8 Page - Rohm

Part # BD7830NUV
Description  1.1W to1.5W Monaural Speaker Amplifiers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7830NUV Datasheet(HTML) 8 Page - Rohm

Back Button BD7830NUV Datasheet HTML 4Page - Rohm BD7830NUV Datasheet HTML 5Page - Rohm BD7830NUV Datasheet HTML 6Page - Rohm BD7830NUV Datasheet HTML 7Page - Rohm BD7830NUV Datasheet HTML 8Page - Rohm BD7830NUV Datasheet HTML 9Page - Rohm BD7830NUV Datasheet HTML 10Page - Rohm BD7830NUV Datasheet HTML 11Page - Rohm BD7830NUV Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8/16
● Ci
This is a DC cut-off input coupling capacitor for the amp input pin.
This includes an Ri and a high-pass filter.
The cut-off frequency is calculated as follows.
fcL =
[Hz]
Capacitors of a certain size are required for coupling without attenuation of low frequencies, but in most cases
of speakers used in portable equipment, it is nearly impossible to reproduce signals in the 100 to 200 Hz range or
below.
Even when a larger capacitor is used instead, it may not improve system performance.
Also, pop sounds can affect the capacitance (Ci) of the capacitor.
A larger coupling capacitor requires a greater charge to reach the bias DC voltage (normally 1/2 VCC).
Because this charge current is supplied from the output due to routing of feedback, pop sounds occur easily at
startup.
Consequently, pop sounds can be minimized by selecting the smallest capacitor that still has the required
low-frequency response.
● Ri
This is inverting input resistance, which sets the closed loop gain in conjunction with Rf.
● Rf
This is feedback resistance, which sets closed loop gain in conjunction with Rf.
The amp gain is set using the
following formula.
Gain = 20log
[dB]
● Cf
This is a feedback capacitor, which is used to cut high frequencies.
This includes Rf and a low-pass filter.
The cut-off frequency is calculated as follows.
fcL =
[Hz]
1
2π×Ri×Ci
Ci-Frequency characteristic
-10
-8
-6
-4
-2
0
2
4
10
100
1k
10k
100k
Frequency[Hz]
Ci:0.22uF
Ci:0.1uF
Ci:0.047uF
Ci – Low Frequency Characteristics
Rf
Ri
1
2π×Ri×Ci


Similar Part No. - BD7830NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7830NUV ROHM-BD7830NUV Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD7830NUV-TR ROHM-BD7830NUV-TR Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
More results

Similar Description - BD7830NUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7824FVM ROHM-BH7824FVM_05 Datasheet
528Kb / 9P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_10 Datasheet
277Kb / 11P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_15 Datasheet
540Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifiers
BH7824FVM ROHM-BH7824FVM_11 Datasheet
335Kb / 15P
   1.1W to1.5W Monaural Speaker Amplifiers
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
   1.1W to1.5W Monaural Speaker Amplifier
BD5632NUX ROHM-BD5632NUX_10 Datasheet
400Kb / 15P
   Analog Input Monaural Class-D Speaker Amplifiers
BD5634NUX-TR ROHM-BD5634NUX-TR Datasheet
521Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifiers
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
   Monaural Speaker/Stereo Headphone Power Amplifier
logo
Rohm
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
   Analog Input Monaural Class-D Speaker Amplifier
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
   Analog Input Monaural Class-D Speaker Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com