Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0234A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0234A
Description  SAW Filter 315MHz TO39
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0234A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0234A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0234A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
- 2 -
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 315 MHz
MODEL NO.: TA0234A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 12 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency
FC
(MHz)
-
315
-
1
Minimum I.L. (314.82~315.22 MHz)
(dB)
ILmin
-
2.0
4.0
Pass band (relative to ILmin)
314.77~315.2 MHz
(dB)
-
1.5
3.0
314.71~315.26 MHz
(dB)
-
2.0
6.0
1
Pass bandwidth (relative to ILmin)
BW3 (KHz)
800
860
-
Attenuation:( relative to ILmin)
(dB )
10~270
MHz
(dB )
45
55
-
270~309
MHz
(dB )
30
35
-
309~313.94 MHz
(dB )
15
20
-
316~335
MHz
(dB )
10
15
-
1
335~400
MHz
(dB )
35
45
-
400~1000
MHz
(dB )
45
55
-
Impedance at FC ; Input
ZIN =RIN//CIN
Output ZOUT =ROUT//COUT
347
Ω // 5.8 pF
347
Ω // 5.8 pF
2
Turnover To
(deg.C)
25 typ.
Note1. The standard definitions is in JIS C 6703
Note2.
ZIN=347Ω // 5.8pF
ZOUT=347Ω // 5.8pF
Source im pedance
50
Load im pedance
50


Similar Part No. - TA0234A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0230A TAI-SAW-TA0230A Datasheet
243Kb / 6P
   SAW Filter 942.5 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0230A GOLLEDGE-TA0230A Datasheet
113Kb / 5P
   SAW Filter 942.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0231A TAI-SAW-TA0231A Datasheet
398Kb / 7P
   SAW Filter 942.5 MHz for Mobile Communication
logo
Golledge Electronics Lt...
TA0231A GOLLEDGE-TA0231A Datasheet
184Kb / 5P
   SAW Filter 942.5MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA0232A TAI-SAW-TA0232A Datasheet
295Kb / 6P
   SAW Filter 1090MHz SMD 3.8횞3.8 mm
More results

Similar Description - TA0234A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05553 GOLLEDGE-MA05553 Datasheet
150Kb / 4P
   SAW Filter 315MHz
MA06217 GOLLEDGE-MA06217 Datasheet
286Kb / 4P
   SAW Filter 315MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1794A TAI-SAW-TA1794A Datasheet
302Kb / 7P
   SAW Filter 315MHz
TA0579A TAI-SAW-TA0579A Datasheet
285Kb / 7P
   SAW Filter 315MHz
TA0209A TAI-SAW-TA0209A Datasheet
476Kb / 5P
   SAW Filter 315MHz SMD5X5mm
TA0500A TAI-SAW-TA0500A Datasheet
272Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0301A TAI-SAW-TA0301A Datasheet
474Kb / 5P
   SAW Filter 315MHz SMD3.8X3.8mm
TA0657A TAI-SAW-TA0657A Datasheet
304Kb / 6P
   SAW Filter 315MHz SMD 3.0횞3.0mm
TA0672A TAI-SAW-TA0672A Datasheet
365Kb / 6P
   SAW Filter 315MHz SMD 3.8횞3.8mm
TA0283A TAI-SAW-TA0283A Datasheet
246Kb / 4P
   SAW Filter 315.5MHz TO39
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com