Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0192A Datasheet(PDF) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0192A
Description  SAW Filter 426.1 MHz SMD 5X5 mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0192A Datasheet(HTML) 6 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0192A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0192A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0192A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0192A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0192A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0192A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
6
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
2. TAPE DIMENSION
Direction of Feed


Similar Part No. - TA0192A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TA0192A ETC1-TA0192A Datasheet
212Kb / 5P
   SAW FILTER 426.1 MHz SMD 5.0 SQ
logo
Golledge Electronics Lt...
TA0192A GOLLEDGE-TA0192A Datasheet
91Kb / 4P
   SAW Filter 426.1MHz
More results

Similar Description - TA0192A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TA0822A TAI-SAW-TA0822A Datasheet
275Kb / 8P
   SAW Filter 757.5 MHz SMD 5X5 mm
TA0823A TAI-SAW-TA0823A Datasheet
276Kb / 8P
   SAW Filter 787.5 MHz SMD 5X5 mm
logo
Golledge Electronics Lt...
MA09431 GOLLEDGE-MA09431 Datasheet
150Kb / 5P
   SAW Filter 499.25 MHz SMD 5X5 mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA0575A TAI-SAW-TA0575A Datasheet
277Kb / 6P
   SAW Filter 188.175 MHz SMD 5X5 mm
TA0694A TAI-SAW-TA0694A Datasheet
295Kb / 6P
   SAW Filter 862.5 MHz SMD 5X5 mm
TA0524A TAI-SAW-TA0524A Datasheet
341Kb / 6P
   SAW Filter 499.25 MHz SMD 5X5 mm
TA0574A TAI-SAW-TA0574A Datasheet
278Kb / 6P
   SAW Filter 180.175 MHz SMD 5X5 mm
logo
List of Unclassifed Man...
TA0192A ETC1-TA0192A Datasheet
212Kb / 5P
   SAW FILTER 426.1 MHz SMD 5.0 SQ
logo
TAI-SAW TECHNOLOGY CO.,...
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com