Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0177A Datasheet(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0177A
Description  SAW Filter 1030MHz SMD 3.8횞3.8 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0177A Datasheet(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0177A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA0177A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
(wideband)
E.Reflections Functions :
S11:
S22:


Similar Part No. - TA0177A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA0177A GOLLEDGE-TA0177A Datasheet
84Kb / 6P
   1030MHz SAW Filter
More results

Similar Description - TA0177A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0537A TAI-SAW-TA0537A Datasheet
534Kb / 5P
   SAW Filter 433.92MHz SMD 3.8횞3.8 mm
TB0316A TAI-SAW-TB0316A Datasheet
477Kb / 5P
   SAW Filter 374MHz SMD 3.8횞3.8 mm
TB0261B TAI-SAW-TB0261B Datasheet
620Kb / 7P
   SAW Filter 403.5MHz (SMD 3.8횞3.8 mm)
TA0489A TAI-SAW-TA0489A Datasheet
263Kb / 6P
   SAW Filter 403.5MHz SMD 3.8횞3.8 mm
TA0691A TAI-SAW-TA0691A Datasheet
319Kb / 6P
   SAW Filter 1090MHz SMD 3.8횞3.8 mm
TA0525A TAI-SAW-TA0525A Datasheet
317Kb / 6P
   SAW Filter 415.4MHz SMD 3.8횞3.8 mm
TA0529A TAI-SAW-TA0529A Datasheet
266Kb / 6P
   SAW Filter 403.5MHz SMD 3.8횞3.8 mm
TA0232A TAI-SAW-TA0232A Datasheet
295Kb / 6P
   SAW Filter 1090MHz SMD 3.8횞3.8 mm
TB0221A TAI-SAW-TB0221A Datasheet
636Kb / 5P
   SAW IF Filter 374MHz (SMD 3.8횞3.8 mm)
TB0261A TAI-SAW-TB0261A Datasheet
550Kb / 6P
   SAW IF Filter 403.5MHz (SMD 3.8횞3.8 mm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com