Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MJ10000 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part No. MJ10000
Description  NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  WINGS [Wing Shing Computer Components]
Homepage  http://www.wingshing.com/en
Logo 

MJ10000 Datasheet(HTML) 1 Page - Wing Shing Computer Components

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MJ10000
NPN
SILICON TRANSISTOR
SWITCHING REGULATORS PWM INVERTERS
SOLENOID AND RELAY DRIVERS
TO-3
ABSOLUTE MAXIMUM RATINGS (Ta=25°C
CC
C)
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
Collector-Emitter Voltage
Collector Current (DC)
Collector Dissipation (Tc=25°C)
Junction Temperature
Storage Temperature
VCBO
VCEO
IC
PC
Tj
Tstg
450
350
20
175
200
-50~150
V
V
A
W
°C
°C
ELECTRICAL CHARACTERISTICS (Ta=25°C
CC
C)
Characteristic
Symbol
Test Condition
Min
Typ
Max
Unit
Collector Cutoff Current
Collector Cutoff Current
DC Current Gain
Collector- Emitter Saturation Voltage
ICBO
ICEO
hFE
VCE(sat)
VCB= 450V , IE=0
VCB= 350V , IB=0
VCE= 5V , IC=10A
IC=8A ,
IB=0.8A
40
10
10
1.5
µA
µA
V
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn