Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGL325DA120D3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. APTGL325DA120D3G
Description  Boost chopper Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGL325DA120D3G Datasheet(HTML) 2 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTGL325DA120D3G
www.microsemi.com
2- 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
ICES
Zero Gate Voltage Collector Current
VGE = 0V, VCE = 1200V
5
mA
Tj = 25°C
1.8
2.2
VCE(sat)
Collector Emitter saturation Voltage
VGE = 15V
IC = 300A
Tj = 125°C
2.2
V
VGE(th)
Gate Threshold Voltage
VGE = VCE , IC = 11mA
5.0
5.8
6.5
V
IGES
Gate – Emitter Leakage Current
VGE = 20V, VCE = 0V
400
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Cies
Input Capacitance
18.6
Coes
Output Capacitance
1.16
Cres
Reverse Transfer Capacitance
VGE = 0V
VCE = 25V
f = 1MHz
1
nF
QG
Gate charge
VGE= -8V / 15V ; VCE=600V
IC=300A
1.7
µC
Td(on)
Turn-on Delay Time
200
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
380
Tf
Fall Time
Inductive Switching (25°C)
VGE = ±15V
VCE = 600V
IC = 300A
RG = 1.5Ω
70
ns
Td(on)
Turn-on Delay Time
220
Tr
Rise Time
50
Td(off)
Turn-off Delay Time
450
Tf
Fall Time
Inductive Switching (150°C)
VGE = ±15V
VCE = 600V
IC = 300A
RG = 1.5Ω
80
ns
Eon
Turn-on Switching Energy
TJ = 150°C
27
mJ
Eoff
Turn-off Switching Energy
VGE = ±15V
VCE = 600V
IC = 300A
RG = 1.5Ω
TJ = 150°C
29
mJ
Isc
Short Circuit data
VGE ≤15V ; VBus = 900V
tp ≤10µs ; Tj = 150°C
1200
A
Diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
VRRM
Maximum Repetitive Reverse Voltage
1200
V
Tj = 25°C
250
IRRM
Maximum Reverse Leakage Current
VR=1200V
Tj = 150°C
2000
µA
IF
DC Forward Current
TC = 80°C
300
A
Tj = 25°C
1.7
2.2
VF
Diode Forward Voltage
IF = 300A
VGE = 0V
Tj = 150°C
1.65
V
Tj = 25°C
155
trr
Reverse Recovery Time
Tj = 150°C
300
ns
Tj = 25°C
29
Qrr
Reverse Recovery Charge
Tj = 150°C
61
µC
Tj = 25°C
13
Err
Reverse Recovery Energy
IF = 300A
VR = 600V
di/dt = 7000A/µs
Tj = 150°C
24
mJ


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn