Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGL325DA120D3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part No. APTGL325DA120D3G
Description  Boost chopper Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGL325DA120D3G Datasheet(HTML) 1 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGL325DA120D3G
www.microsemi.com
1- 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
420
IC
Continuous Collector Current
TC = 80°C
325
ICM
Pulsed Collector Current
TC = 25°C
600
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
1500
W
RBSOA Reverse Bias Safe Operating Area
Tj = 125°C
600A @ 1100V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
See application note APT0502 on www.microsemi.com
1
2
3
Q2
6
7
VCES = 1200V
IC = 325A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Trench + Field Stop IGBT 4 Technology
-
Low voltage drop
-
Low leakage current
-
Low switching losses
-
Soft recovery parallel diodes
-
Low diode VF
-
RBSOA and SCSOA rated
Kelvin emitter for easy drive
High level of integration
M6 power connectors
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
Boost chopper
Trench + Field Stop IGBT4
Power Module


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn