Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGL325DA120D3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part No. APTGL325DA120D3G
Description  Boost chopper Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGL325DA120D3G Datasheet(HTML) 5 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGL325DA120D3G
www.microsemi.com
5- 5
Hard
switching
ZCS
ZVS
0
30
60
90
120
150
180
0
120
240
360
480
IC (A)
VCE=600V
D=50%
RG=1.5 Ω
TJ=150°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.03
0.06
0.09
0.12
0.15
0.18
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Diode
Forward Characteristic of diode
TJ=25°C
TJ=150°C
0
150
300
450
600
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn