Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APTGL325DA120D3G Datasheet(PDF) 3 Page - Microsemi Corporation

Part No. APTGL325DA120D3G
Description  Boost chopper Trench Field Stop IGBT4 Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

APTGL325DA120D3G Datasheet(HTML) 3 Page - Microsemi Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
APTGL325DA120D3G
www.microsemi.com
3- 5
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
IGBT
0.10
RthJC
Junction to Case Thermal Resistance
Diode
0.17
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
125
°C
For terminals
M6
3
5
Torque Mounting torque
To Heatsink
M6
3
5
N.m
Wt
Package Weight
350
g
D3 Package outline (dimensions in mm)
A
DÉTAIL A


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn