Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3822FS Datasheet(PDF) 7 Page - Rohm

Part # BD3822FS
Description  NTSC-PAL Audio I/O Interface for Recording/Playing
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3822FS Datasheet(HTML) 7 Page - Rohm

  BD3822FS_05 Datasheet HTML 1Page - Rohm BD3822FS_05 Datasheet HTML 2Page - Rohm BD3822FS_05 Datasheet HTML 3Page - Rohm BD3822FS_05 Datasheet HTML 4Page - Rohm BD3822FS_05 Datasheet HTML 5Page - Rohm BD3822FS_05 Datasheet HTML 6Page - Rohm BD3822FS_05 Datasheet HTML 7Page - Rohm BD3822FS_05 Datasheet HTML 8Page - Rohm BD3822FS_05 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7/8
-
Operation Notes
1.
Numbers and data in entries are representative design values and are not guaranteed values of the items.
2.
Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to verify
circuit characteristics for your particular application. Modification of constants for other externally connected circuits may cause
variations in both static and transient characteristics for external components as well as this Rohm IC. Allow for sufficient
margins when determining circuit constants.
3.
Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range (Topr), may
result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open mode) when such
damage is suffered. A physical safety measure, such as a fuse, should be implemented when using the IC at times where the
absolute maximum ratings may be exceeded.
4.
GND potential
Ensure a minimum GND pin potential in all operating conditions. Make sure that no pins are at a voltage below the GND at any
time, regardless of whether it is a transient signal or not.
5.
Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the permissible dissipation (Pd) in actual
states of use.
6.
Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other components
on the circuits, can damage the IC.
7.
Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.
Fig.6 Total harmonic distortion vs
Output voltage (BD3824FS)
OUTPUT VOLTAGE : VOUT [Vrms]
0.0001
5
0.001
0.01
0.1
1
1m
3
10m
100m
1
-40C
25C
85C
Fig.7 Voltage gain vs Frequency
(BD3822FS)
FREQUENCY : f [Hz]
10
100k
10k
100
1k
+2
0
+4
+6
+8
+10
-10
-8
-6
-4
-2
Fig.8 Voltage gain vs Frequency
(BD3824FS)
FREQUENCY : f [Hz]
-8
-12
-4
0
-20
-16
10
100k
10k
100
1k
Fig.9 ALC I/O characteristic
(BD3822FS)
INPUT VOLTAGE : VIN [Vrms]
10m
100m
100u
1m
5
1
1m
5
1
10m
100m
-3dBV
-5dBV
-7dBV
Fig.10 Square-Low Compression amp
I/O characteristic (BD3824FS)
INPUT VOLTAGE : VIN [Vrms]
1
500m
3
4
2
0
5
0
1.5
1
2.5
2
Fig.11 Output load characteristic
(BD3822FS, BD3824FS)
LOAD RESISTANCE : RL [Hz]
0
3
1
2
100
100000
1000
10000


Similar Part No. - BD3822FS_05

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
More results

Similar Description - BD3822FS_05

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BH7625KS2 ROHM-BH7625KS2_05 Datasheet
565Kb / 17P
   NTSC-PAL Video I/O Interface
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BH7624KS2 ROHM-BH7624KS2_05 Datasheet
538Kb / 17P
   PAL Video I/O Interface
logo
Integrated Circuit Syst...
ICS662-02 ICST-ICS662-02 Datasheet
95Kb / 6P
   NTSC/PAL AUDIO CLOCK
logo
Rohm
BH7624KS2 ROHM-BH7624KS2 Datasheet
449Kb / 6P
   I/O Interface LSI for the DVD recorder for PAL
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com