Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3512MUV Datasheet(PDF) 10 Page - Rohm

Part # BD3512MUV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3512MUV Datasheet(HTML) 10 Page - Rohm

Back Button BD3512MUV Datasheet HTML 6Page - Rohm BD3512MUV Datasheet HTML 7Page - Rohm BD3512MUV Datasheet HTML 8Page - Rohm BD3512MUV Datasheet HTML 9Page - Rohm BD3512MUV Datasheet HTML 10Page - Rohm BD3512MUV Datasheet HTML 11Page - Rohm BD3512MUV Datasheet HTML 12Page - Rohm BD3512MUV Datasheet HTML 13Page - Rohm BD3512MUV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/16
●Evaluation Board
Component
Rating
Manufacturer
Product Name
Component
Rating
Manufacturer
Product Name
U1
-
ROHM
BD3512MUV
R8
3.9kΩ
ROHM
MCR03EZPF3901
C2
100pF
MURATA
CRM1882C1H101JA01
R9
3.3kΩ
ROHM
MCR03EZPF3301
C3
100pF
MURATA
CRM1882C1H101JA01
C9
10uF
KYOCERA
CM21B106M06A
R4
100kΩ
ROHM
MCR03EZPF1003
C16
22uF
KYOCERA
CM316B226M06A
C5
0.1uF
KYOCERA
CM05104K10A
R18
3.3kΩ
ROHM
MCR03EZPF3301
C6
1uF
KYOCERA
CM105B105K06A
R19
3.9kΩ
ROHM
MCR03EZPF3901
R7
-
jumper
V20
0.01uF
MURATA
GRM188B11H102KA01
BD3512MUV Evaluation Board Schematic
BD3512MUV Evaluation Board Standard Component List
16
17
18
19
20
10
9
8
7
6
VO3
VO4
VO5
FB
NRCS
VIN
C9
C10
C11
C12
1
JP9
VINS
R9
R8
VD
EN
R7
VCC
VCC
C7
H
L
SW1
C6
VDD
C5
JP4B
PG
VCC
R4
JP4
VPG
C3
C2
PGDLY
SCP
GND1 GND2
SGND
C20
NRCS
FB
R19
R18
C18
JP18
VO_S
C15
C16
VO
R14
C14
RLD
U2
U1
RF1
RF2
INF
JPF1
JPF2
VCC
INV
RF2
CF
U3
1
1
VCC
EN
VD
VIN1
VIN2
1
1
1
1
1
1
BD3512MUV Evaluation Board Layout
Silk Screen (Bottom)
Bottom Layer
Silk Screen (Top)
Middle Layer_1
Middle Layer_2
TOP Layer


Similar Part No. - BD3512MUV

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
BD351 BENCENT-BD351 Datasheet
240Kb / 3P
   Gas Discharge Tube
logo
Won-Top Electronics
BD35160 WTE-BD35160 Datasheet
31Kb / 2P
   35A HIGH VOLTAGE BOSCH TYPE PRESS-FIT DIODE
logo
Shanghai Shunye Electro...
BD351N SHUNYE-BD351N Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
BD351P SHUNYE-BD351P Datasheet
231Kb / 2P
   35 AMP BLOCK DIODES
More results

Similar Description - BD3512MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
Texas Instruments
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com