Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3507HFV Datasheet(PDF) 10 Page - Rohm

Part # BD3507HFV
Description  Ultra Low Dropout Linear Regulators for PC Chipsets
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3507HFV Datasheet(HTML) 10 Page - Rohm

Back Button BD3507HFV_08 Datasheet HTML 6Page - Rohm BD3507HFV_08 Datasheet HTML 7Page - Rohm BD3507HFV_08 Datasheet HTML 8Page - Rohm BD3507HFV_08 Datasheet HTML 9Page - Rohm BD3507HFV_08 Datasheet HTML 10Page - Rohm BD3507HFV_08 Datasheet HTML 11Page - Rohm BD3507HFV_08 Datasheet HTML 12Page - Rohm BD3507HFV_08 Datasheet HTML 13Page - Rohm BD3507HFV_08 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10/15
About heat loss
In designing heat, operate the apparatus within the following conditions.
(Because the following temperatures are warranted temperature, be sure to take margin, etc. into account.)
1. Ambient temperature Ta shall be not more than 100°C.
2. Chip junction temperature Tj shall be not more than 150°C.
Chip junction temperature Tj can be considered under the following two cases.
When multilayer substrates are used, if any GND pattern is present in the inner layer, arrange heat radiation vias on the
package rear side. Because the present package size is as small as 1.0 x 1.6 mm and vias are unable to be arranged in a
large quantity at the lower part of IC, the pattern is expanded as illustrated below and the number of vias is increased to
obtain superb heat radiation characteristics (the figure below is an image figure only, and the size and the quantity of vias
that match the condition must be designed into patterns).
Most of heat loss in BD3507HFV occurs at the output N-channel FET. The power lost is determined by multiplying the
voltage between VIN and Vo by the output current. Confirm the VIN and Vo voltages used and output current conditions,
and check with the thermal derating characteristics. As this IC employs the power PKG, the thermal derating characteristics
significantly depends on the pc board conditions. When designing, care must be taken to the size of a pc board to be used.
Power dissipation (W) = {Input voltage (VIN) – Output voltage (V0≒VREF)}×Io (averaged)
Ex.) If VIN = 1.8 volts, V0=1.2 volts, and Io (averaged)=0.5 A, the power dissipation is given by the following:
Power dissipation (W) =(1.8 volts – 1.2 volts) × 0.5 (A)
= 0.3 W
Chip junction temperature Tj is found
from IC surface temperature TC under
actual application conditions:
Tj=TC+θj-c×W
Chip junction temperature Tj is found from ambient temperature Ta:
Tj=Ta+θj-a×W
Reference value>
θ
j-c:HVSOF6 30℃/W
Reference value>
Single-layer substrate
(substrate surface copper foil area: less 3%)
Single-layer substrate
(substrate surface copper foil area:100mm
2)
Single-layer substrate
(substrate surface copper foil area:900mm
2)
Single-layer substrate
(substrate surface copper foil area:2500mm
2)
Substrate size 70×70×1.6mm
3
θ
j-a:HVSOF6
243.9℃/W
147.1℃/W
89.3℃/W
73.5℃/W


Similar Part No. - BD3507HFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
More results

Similar Description - BD3507HFV_08

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3512MUV ROHM-BD3512MUV_08 Datasheet
675Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets with Power Good
BD3550HFN ROHM-BD3550HFN_08 Datasheet
665Kb / 17P
   Ultra Low Dropout Linear Regulators for PC
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3522EFV ROHM-BD3522EFV_08 Datasheet
639Kb / 21P
   Ultra Low Dropout Linear Regulators(4A) for Desktop PC
logo
National Semiconductor ...
LP3871 NSC-LP3871 Datasheet
311Kb / 14P
   0.8A Fast Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_03 Datasheet
388Kb / 17P
   3A Fast Ultra Low Dropout Linear Regulators
LP3961 NSC-LP3961 Datasheet
376Kb / 20P
   800mA Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com