Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2065AFJ Datasheet(PDF) 5 Page - Rohm

Part # BD2065AFJ
Description  1ch Large Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2065AFJ Datasheet(HTML) 5 Page - Rohm

  BD2065AFJ Datasheet HTML 1Page - Rohm BD2065AFJ Datasheet HTML 2Page - Rohm BD2065AFJ Datasheet HTML 3Page - Rohm BD2065AFJ Datasheet HTML 4Page - Rohm BD2065AFJ Datasheet HTML 5Page - Rohm BD2065AFJ Datasheet HTML 6Page - Rohm BD2065AFJ Datasheet HTML 7Page - Rohm BD2065AFJ Datasheet HTML 8Page - Rohm BD2065AFJ Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BD2061AFJ,BD2065AFJ
Technical Note
5/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Fig.20 Output turn on time
Fig.21 Output turn on time
0.0
1.0
2.0
3.0
4.0
5.0
234
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
0.0
1.0
2.0
3.0
4.0
5.0
23
45
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.22 Output fall time
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.23 Output fall time
Fig.24 Output turn off time
0.0
1.0
2.0
3.0
4.0
5.0
23
45
6
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.0
0.2
0.4
0.6
0.8
1.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
Fig.27 UVLO hysteresis voltage
Fig.18 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.19 Output rise time
0.0
1.0
2.0
3.0
4.0
5.0
23
456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
0.00
0.50
1.00
1.50
2.00
23
4
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Fig.16 Output current at shortcircuit
0.00
0.50
1.00
1.50
2.00
-50
0
50
100
AM BIEN T TEM PER ATUR E : Ta[℃]
VIN=5.0V
Fig.17 Output current at shortcircuit
0.0
1.0
2.0
3.0
4.0
5.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Fig.25 Output turn off time
2.0
2.1
2.2
2.3
2.4
2.5
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VUVLOH
VUVLOL
Fig.26 UVLO threshold voltage


Similar Part No. - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2065AFJ ROHM-BD2065AFJ Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2065AFJ ROHM-BD2065AFJ Datasheet
488Kb / 25P
   High Side Switch ICs
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
488Kb / 25P
   High Side Switch ICs
BD2065AFJ-E2 ROHM-BD2065AFJ-E2 Datasheet
1,023Kb / 26P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2065AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com