Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2045AFJ Datasheet(PDF) 6 Page - Rohm

Part # BD2045AFJ
Description  1ch Small Current Output USB High Side Switch ICs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 6 Page - Rohm

Back Button BD2045AFJ Datasheet HTML 2Page - Rohm BD2045AFJ Datasheet HTML 3Page - Rohm BD2045AFJ Datasheet HTML 4Page - Rohm BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm BD2045AFJ Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
6/12
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Waveform data
Regarding the output rise/fall and over current detection characteristics of BD2055AFJ, refer to the characteristic of BD2045AFJ.
VIN=5V
TIME (2ms/div.)
Fig.30 Over current response
Ramped load
(BD2045AFJ)
TIME (2ms/div.)
Fig.31 Over current response
Enable to shortcircuit
(BD2045AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
CL=100μF
V/EN
(5V/div.)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
V/EN
(5V/div.)
VIN=5V
RL=20Ω
CL=100μF
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.26 Output rise characteristic
(BD2045AFJ)
V/EN
(5V/div.)
VIN=5V
RL=20Ω
CL=100μF
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME(1ms/div.)
Fig.27 Output fall characteristic
(BD2045AFJ)
(1V/div.)
TIME (2ms/div.)
Fig.28. Inrush current response
(BD2045AFJ)
VEN
IOUT
(0.1A/div.)
CL=47μF
CL=100μF
CL=147μF
VIN=5V
RL=20Ω
V/OC
(1V/div.)
TIME (20ms/div.)
Fig.29 Over current response
Ramped load
(BD2045AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
TIME (2ms/div.)
Fig.32 Over current response
Enable to shortcircuit
(BD2045AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
VIN=5V
CL=100μF
TIME (1s/div.)
Fig.33 Over current response
Enable to shortcircuit
(BD2045AFJ)
V/OC
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
Thermal Shutdown
VIN=5V
CL=100μF
(5V/div.)
TIME (10ms/div.)
Fig.34 UVLO response Increasing VIN
(BD2045AFJ)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
TIME (10ms/div.)
Fig.35 UVLO response Decreasing VIN
(BD2045AFJ)
(5V/div.)
VIN
(5V/div.)
VOUT
(5V/div.)
IOUT
(0.5A/div.)
V/OC
CI=100μF
RL=20Ω
CI=100μF
RL=20Ω
V/OC


Similar Part No. - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2045AFJ ROHM-BD2045AFJ Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ-E2 ROHM-BD2045AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_11 Datasheet
334Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
More results

Similar Description - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2061AFJ ROHM-BD2061AFJ_09 Datasheet
351Kb / 13P
   1ch Large Current Output USB High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_09 Datasheet
481Kb / 19P
   1ch Large Current Output USB High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_09 Datasheet
429Kb / 14P
   2ch Small Current Output USB High Side Switch ICs
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BD2202G ROHM-BD2202G_09 Datasheet
453Kb / 13P
   1ch Small Current Output Power Management Switch ICs
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com