Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTGF100A120T3AG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGF100A120T3AG
Description  Phase leg NPT IGBT Power Module Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF100A120T3AG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGF100A120T3AG Datasheet HTML 1Page - Microsemi Corporation APTGF100A120T3AG Datasheet HTML 2Page - Microsemi Corporation APTGF100A120T3AG Datasheet HTML 3Page - Microsemi Corporation APTGF100A120T3AG Datasheet HTML 4Page - Microsemi Corporation APTGF100A120T3AG Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGF100A120T3AG
www.microsemi.com
5 – 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
0
25
50
75
100
125
00.511.522.533.5
VF (V)
ZCS
hard
switching
ZVS
0
30
60
90
120
150
180
20
40
60
80
100
120
140
IC (A)
VCE=600V
D=50%
RG=5.6 Ω
TJ=125°C
TC=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGF100A120T3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF100A120T3WG MICROSEMI-APTGF100A120T3WG Datasheet
205Kb / 5P
   Phase leg NPT IGBT Power Module
More results

Similar Description - APTGF100A120T3AG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF150A120T3AG MICROSEMI-APTGF150A120T3AG Datasheet
203Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF150A60T3AG MICROSEMI-APTGF150A60T3AG Datasheet
207Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF90A60T3AG MICROSEMI-APTGF90A60T3AG Datasheet
204Kb / 5P
   Phase leg NPT IGBT Power Module Power Module
APTGF350A60G MICROSEMI-APTGF350A60G Datasheet
275Kb / 6P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150A120T ADPOW-APTGF150A120T Datasheet
277Kb / 5P
   Phase leg NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50A120T1G MICROSEMI-APTGF50A120T1G Datasheet
323Kb / 6P
   Phase leg NPT IGBT Power Module
APTGF150A120T3WG MICROSEMI-APTGF150A120T3WG Datasheet
208Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF250A60D3G MICROSEMI-APTGF250A60D3G Datasheet
217Kb / 5P
   Phase leg NPT IGBT Power Module
APTGF50A120T3WG MICROSEMI-APTGF50A120T3WG Datasheet
248Kb / 7P
   Phase leg NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF100A120T ADPOW-APTGF100A120T Datasheet
299Kb / 6P
   Phase leg NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com