Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

555-0402 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 555-0402
Description  Chip inductors, wire wound, surface mount, 0402 package
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

555-0402 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  555-0402 Datasheet HTML 1Page - CAMBION Electronic Components 555-0402 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 18 February 2003
Page 2 of 2
900 MHz
Typ.
1.7 GHz Typ.
Basic Part
Number (XXX)
L
(nH)
Q
(min)
Freq
(MHz)
L
Q
L
Q
SRF
(min)
(MHz)
RDC
(max)
(
Ω)
IDC
(max)
(mA)
-1N0
1.0
16
250
1.02
77
1.02
69
>6000
0.045
1360
-2N0
2.0
16
250
1.93
54
1.93
75
>6000
0.070
1040
-2N2
2.2
16
250
2.19
59
2.23
100
>6000
0.070
960
-3N3
3.3
19
250
3.10
65
3.12
87
6000
0.066
840
-3N6
3.6
19
250
3.56
45
3.62
71
6000
0.066
840
-3N9
3.9
19
250
3.89
50
4.00
75
5800
0.066
840
-5N1
5.1
20
250
5.15
56
5.25
82
5800
0.083
800
-5N6
5.6
20
250
5.16
54
5.28
81
5800
0.083
760
-6N2
6.2
20
250
6.16
52
6.37
76
5800
0.083
760
-7N5
7.5
22
250
7.91
60
8.22
88
5800
0.104
680
-8N2
8.2
22
250
8.50
57
8.85
84
4400
0.104
680
-9N0
9.0
22
250
9.07
62
9.53
78
4160
0.104
680
-10N
10
21
250
9.80
50
10.1
67
3900
0.195
480
-11N
11
24
250
10.7
52
11.2
78
3680
0.120
640
-12N
12
24
250
11.9
53
12.7
71
3600
0.120
640
-15N
15
24
250
14.6
55
15.5
77
3280
0.172
560
-19N
19
24
250
19.1
50
21.1
67
3040
0.202
480
-23N
23
24
250
23.8
49
26.9
64
2720
0.214
400
-27N
27
24
250
28.7
49
33.5
63
2480
0.298
400
-36N
36
24
250
39.5
44
48.4
53
2320
0.403
320
-40N
40
24
250
39.0
44
47.4
33
2240
0.438
320
555-0402
-47N
47
20
250
50.0
38
-
-
2100
0.830
150
TOLERANCE (Y)
Tolerance Code (Y)
Inductance Tolerance
Notes
G
± 2%
J
± 5%
Made to order
K
± 10%
Standard
M
± 20%
Made to order
PACKAGING (ZZ)
-00
Loose Piece
-36
Taped and Reeled
MATERIAL SPECIFICATIONS
Base Material
Ceramic
Metallised pad
Super adhesion Molybdenum/Manganese with Gold over plating
Operating Temperature
-55°C to 125°C
Storage Temperature
-55°C to 100°C


Similar Part No. - 555-0402

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0805 package
More results

Similar Description - 555-0402

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-0603 CAMBION-555-0603 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 0603 package
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0805 package
555-1008 CAMBION-555-1008 Datasheet
42Kb / 2P
   Chip inductors, wire wound, surface mount, 1008 package
logo
Abracon Corporation
AISC-0805 ABRACON-AISC-0805 Datasheet
231Kb / 1P
   SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-1008 ABRACON-AISC-1008 Datasheet
92Kb / 1P
   SURFACE-MOUNT WIRE-WOUND CHIP INDUCTORS
AISC-0402 ABRACON-AISC-0402 Datasheet
98Kb / 1P
   SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com