Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKR0503BKJP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. RKR0503BKJP
Description  Silicon Schottky Barrier Diode for Rectifying
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKR0503BKJP Datasheet(HTML) 6 Page - Renesas Technology Corp

  RKR0503BKJP Datasheet HTML 1Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 2Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 3Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 4Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 5Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 6Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 7Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RKR0503BKJ
Preliminary
REJ03G1891-0100 Rev.1.00 Feb 25, 2010
Page 4 of 5
0.3
0.2
0.1
0
40
30
20
10
0
0.4
D=2/3
D=1/2
0.5
0.6
D=5/6
sin
0.3
0.2
0.1
0.05
0.1
0.15
D=1/6
D=1/3
D=1/2
0
sin
DC
0.2
0.25
75
100
25
50
0
125
0.35
0.3
0.25
0.2
0
0.15
0.1
–25
150
75
100
25
50
0125
0.6
0.5
0.4
0.3
0
0.2
0.1
–25
150
DC
0.4
0
0.05
DC
Ambient temperature Ta (
°C)
Fig.6 Average rectified current vs. Ambient temperature
Lead temperature TL (
°C)
Fig.7 Average rectified current vs. Lead temperature
Fig.4 Forward power dissipation vs. Forward current
Forward current IF (A)
Fig.5 Reverse power dissipation vs. Reverse voltage
Reverse voltage VR (V)
t
T
0V
D = —
T
t
Tj = 150
°C
t
T
0A
D = —
T
t
Ta = 25
°C
VR = 10V
Tj = 150°C
Rth(j-a) = 600°C/W
Polyimide board
VR = 15V
Tj = 150°C
Rth(j-L) = 150°C/W
Glass epoxy board
0.7
0.8
D=1/2
Sin(
θ=180°)
D=1/3
D=1/6
D=1/2
Sin(
θ=180°)
D=1/3
D=1/6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn