Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKR0503BKJP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. RKR0503BKJP
Description  Silicon Schottky Barrier Diode for Rectifying
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKR0503BKJP Datasheet(HTML) 4 Page - Renesas Technology Corp

  RKR0503BKJP Datasheet HTML 1Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 2Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 3Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 4Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 5Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 6Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 7Page - Renesas Technology Corp RKR0503BKJP Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RKR0503BKJ
Preliminary
REJ03G1891-0100 Rev.1.00 Feb 25, 2010
Page 2 of 5
Absolute Maximum Ratings
(Ta = 25
C)
Item
Symbol
Value
Unit
Repetitive peak reverse voltage
VRRM
30
V
Average rectified current
Io *
1
0.5
A
Non-Repetitive peak forward surge current
IFSM *
2
2
A
Junction temperature
Tj
150
C
Storage temperature
Tstg
–55 to +150
C
Notes: 1. See from Fig.4 to Fig.7.
2. 10 ms sine wave 1 pulse.
Electrical Characteristics
(Ta = 25
C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Forward voltage
VF
0.60
V
IF = 500 mA
Reverse current
IR
50
A
VR = 30 V
Thermal resistance
Rth(j-a)
600
C/W
Polyimide board *
1
Thermal resistance
Rth(j-L)
150
C/W
Glass-epoxy board *
2
Notes
 1. Polyimide board
Unit: mm
1.5
20h
×15w×0.8t
1.5
2. Glass-epoxy board
50h
×50w×1.6t
6
Unit: mm
Note
 In the UFP package, some lead is exposed because the tip of the lead is used as the cutting plane. Therefore,
the solderability of the lead tip has been ignored. Please test and confirm before use.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn