Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKR0503AKJR Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. RKR0503AKJR
Description  Silicon Schottky Barrier Diode for Rectifying
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKR0503AKJR Datasheet(HTML) 5 Page - Renesas Technology Corp

  RKR0503AKJR Datasheet HTML 1Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 2Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 3Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 4Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 5Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 6Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 7Page - Renesas Technology Corp RKR0503AKJR Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RKR0503AKJ
Preliminary
REJ03G1890-0100 Rev.1.00 Jan 20, 2010
Page 3 of 5
Main Characteristics
Fig.1 Forward current vs. Forward voltage
Forward voltage VF (V)
Fig.3 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
0
0.1
0.2
0.3
0.4
0.5
10
–3
10
–2
10
–1
10
–6
10
–5
10
–4
1.0
0.6
10
–7
Pulse test
10
–4
10
–3
10
–6
10
–5
0
5
10
15
20
25
30
Pulse test
100
1.0
0.1
1.0
100
10
10
f = 1MHz


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn