Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJK1562DJE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RJK1562DJE
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK1562DJE Datasheet(HTML) 8 Page - Renesas Technology Corp

  RJK1562DJE Datasheet HTML 1Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 2Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 3Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 4Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 5Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 6Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 7Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 8Page - Renesas Technology Corp RJK1562DJE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
RJK1562DJE
REJ03G1889-0100 Rev.1.00 Jan 07, 2010
Page 6 of 6
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.4
3.8 ± 0.4
0.5 Max
1.27
2.54
0.65 ± 0.1
0.75 Max
Previous Code
PRSS0003DC-A
TO-92 Mod / TO-92 ModV
MASS[Typ.]
0.35g
SC-51
RENESAS Code
JEITA Package Code
Unit: mm
Package Name
TO-92 Mod
Ordering Information
Part No.
Quantity
Shipping Container
RJK1562DJE-00-Z0
2500 pcs
Hold Box, Radial Taping
Note:
Leads forming applied as following figure.
12.7
6.35
4.0
12.7
2.5 2.5
Unit: mm


Similar Part No. - RJK1562DJE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK1560DPP-M0 RENESAS-RJK1560DPP-M0 Datasheet
87Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK1560DPP-M0-T2 RENESAS-RJK1560DPP-M0-T2 Datasheet
87Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - RJK1562DJE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com