Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-5620 Datasheet(PDF) 2 Page - CAMBION Electronic Components

Part # 550-5620
Description  2RFID transponder coil, moulded, axial
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

550-5620 Datasheet(HTML) 2 Page - CAMBION Electronic Components

  550-5620 Datasheet HTML 1Page - CAMBION Electronic Components 550-5620 Datasheet HTML 2Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Tuesday, 18 February 2003
Page 2 of 2
TOLERANCE (Y)
Tolerance Code (Y)
Inductance Tolerance
Notes
G
± 2%
Made to order
J
± 5%
Standard
K
± 10%
Made to order
PACKAGING (ZZ)
-00
Loose Piece
-36
Taped and Reeled
Temperature range -55°C to 125°C


Similar Part No. - 550-5620

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-5604 DIALIGHT-550-5604 Datasheet
132Kb / 1P
   5mm LED CBI, TOP VIEW
550-5604 DIALIGHT-550-5604 Datasheet
73Kb / 9P
   5mm LED CBI Circuit Board Indicator Top View, Single
550-5605 DIALIGHT-550-5605 Datasheet
121Kb / 1P
   5mm LED CBI, SO BACK HOUSING
550-5607 DIALIGHT-550-5607 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-5607 DIALIGHT-550-5607 Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
More results

Similar Description - 550-5620

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
555-5120 CAMBION-555-5120 Datasheet
27Kb / 2P
   RFID transponder coil, moulded, surface mount
550-5630 CAMBION-550-5630 Datasheet
29Kb / 2P
   RFID transponder coil, sleeved, axial
logo
Superworld Electronics
W3225F-102J SUPERWORLD-W3225F-102J Datasheet
223Kb / 4P
   Transponder Coil
W4420F352KF10DS SUPERWORLD-W4420F352KF10DS Datasheet
332Kb / 6P
   Transponder Coil
logo
KOA Speer Electronics, ...
KTZ1030TTEG762J KOA-KTZ1030TTEG762J Datasheet
243Kb / 2P
   transponder coil
logo
Superworld Electronics
W1225F-101K SUPERWORLD-W1225F-101K Datasheet
376Kb / 7P
   Transponder Coil
W3012E-501M SUPERWORLD-W3012E-501M Datasheet
238Kb / 5P
   Transponder Coil
logo
KOA Speer Electronics, ...
KT11835TTEG722J KOA-KT11835TTEG722J Datasheet
182Kb / 2P
   transponder coil (Rx)
logo
PREMO CORPORATION S.L
TP0702U PREMO-TP0702U_14 Datasheet
62Kb / 1P
   SMD Transponder Coil
logo
Coilcraft lnc.
4513TC COILCRAFT-4513TC Datasheet
193Kb / 2P
   RFID Transponder Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com