Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7657S Datasheet(PDF) 3 Page - Rohm

Part # BA7657S
Description  Broadband Triple Circuits Video Signal Switchers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7657S Datasheet(HTML) 3 Page - Rohm

  BA7657S Datasheet HTML 1Page - Rohm BA7657S Datasheet HTML 2Page - Rohm BA7657S Datasheet HTML 3Page - Rohm BA7657S Datasheet HTML 4Page - Rohm BA7657S Datasheet HTML 5Page - Rohm BA7657S Datasheet HTML 6Page - Rohm BA7657S Datasheet HTML 7Page - Rohm BA7657S Datasheet HTML 8Page - Rohm BA7657S Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3/16
●Electrical characteristics (2/2)
BA7657S/F
Guaranteed design parameters
Unless otherwise noted, Ta=25℃, Vcc=5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Analog SW block〉
Input pin cross talk 2
CTI2
-30
-15
dB
f=230kHz, VIN=1VP-P
Interblock cross talk 2
CTB2
-30
-15
dB
f=230MHz,VIN=1VP-P
Frequency characteristic
Gf
-6
-3
-1
dB
f=1MHz/230MHz, VIN=1VP-P
Input pin frequency differential
Gfl
-1
0
+1
dB
f=1MHz/100MHz, VIN=1VP-P
Interblock frequency
characteristic differential
GfB
-1
0
+1
dB
f=1MHz/100MHz, VIN=1VP-P
SYNC separation block〉
SYNC separation frequency
fH-R
200
kHz
Input waveform ※1
SYNC separation pulse width 1
pwH1
3.0
μ
S
Input waveform ※2 fH=20kHz
SYNC separation pulse width 2
pwH2
0.5
μ
S
Input waveform ※2 fH=100kHz
SYNC separation pulse width 3
pwH3
0.3
μ
S
Input waveform ※2 fH=200kHz
SYNC separation level 1
VS1
300
μ
S
Input waveform ※3 fH=20kHz
SYNC separation level 2
VS2
100
μ
S
Input waveform ※3 fH=100kHz
SYNC separation level 3
VS3
60
μ
S
Input waveform ※3 fH=200kHz
Input waveform〉
1 VS and pwH are variable. VS and pwH are inter-related. See the characteristics diagram.
2 VS = 130 mW and pwH are variable.
3 pwH = 1 µs and VS are variable.
Period of horizontal synchronization signal
DUTY 25%
(1H)
Vs=130mV
pwH=1μs
Vr=0.7V


Similar Part No. - BA7657S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7657S ROHM-BA7657S Datasheet
164Kb / 13P
   Input selector switch for high definition displays
BA7657S ROHM-BA7657S Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
More results

Similar Description - BA7657S

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7657F ROHM-BA7657F_1 Datasheet
211Kb / 6P
   Broadband Triple Circuits Video Signal Switchers
BH7659FS ROHM-BH7659FS Datasheet
264Kb / 5P
   Broadband Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
160Kb / 5P
   Triple Circuits Video Signal Switchers
BA7603F ROHM-BA7603F Datasheet
148Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
153Kb / 5P
   Triple Circuits Video Signal Switchers
BA7607F ROHM-BA7607F Datasheet
159Kb / 5P
   Triple Circuits Video Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7627FV ROHM-BA7627FV Datasheet
213Kb / 5P
   Triple Circuits Video Signal Switchers
BA7606F ROHM-BA7606F Datasheet
165Kb / 5P
   Triple Circuits Video Signal Switchers
BA7609F ROHM-BA7609F Datasheet
160Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com