Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7623F Datasheet(PDF) 9 Page - Rohm

Part # BA7623F
Description  Standard 3-output Video Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7623F Datasheet(HTML) 9 Page - Rohm

Back Button BA7623F Datasheet HTML 5Page - Rohm BA7623F Datasheet HTML 6Page - Rohm BA7623F Datasheet HTML 7Page - Rohm BA7623F Datasheet HTML 8Page - Rohm BA7623F Datasheet HTML 9Page - Rohm BA7623F Datasheet HTML 10Page - Rohm BA7623F Datasheet HTML 11Page - Rohm BA7623F Datasheet HTML 12Page - Rohm BA7623F Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
BA7622F, BA7623F
Technical Note
9/16
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Pin
No.
Pin
name
IN
OUT
Typical
voltage
Equivalent Circuit
Function
5
VCC
5.0V
Vcc terminal
6
OUT3
* 2
Video driver output
(Base direct connect input)
* 2 Output potential and * 1 input
potential have the same signal
level.
When output is forced to ground,
the protection circuit activates
power save mode.
7
OUT2
* 2
Video driver output
(Base direct connect input)
* 2 Output potential and * 1 input
potential have the same signal
level.
When output is forced to ground,
the protection circuit activates
power save mode.
8
OUT1
* 2
Video driver output
(Base direct connect input)
* 2 Output potential and * 1 input
potential have the same signal
level.
When grounded to ground, the
protection circuit operates to move
to power save mode.
VCC
VCC
Vcc
Q4
20K
OUT13
Q3
Q1
Q2
Q5
Vcc
Q4
20K
OUT13
Q3
Q1
Q2
Q5
Vcc
Q4
20K
OUT13
Q3
Q1
Q2
Q5


Similar Part No. - BA7623F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7623F ROHM-BA7623F Datasheet
68Kb / 6P
   75??driver IC with 3 internal circuits
BA7623F ROHM-BA7623F Datasheet
154Kb / 5P
   Basic 3 Output Video Drivers
BA7623F ROHM-BA7623F_1 Datasheet
154Kb / 5P
   Basic 3 Output Video Drivers
More results

Similar Description - BA7623F

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7600AFS ROHM-BH7600AFS_09 Datasheet
377Kb / 17P
   Wide Band 3-output Video Driver
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
   Standard Definition Video Driver
SV5108 SAVITECH-SV5108 Datasheet
382Kb / 9P
   Standard Definition Video Driver
SV5108B SAVITECH-SV5108B Datasheet
333Kb / 8P
   Standard Definition Video Driver
logo
Guangdong Kexin Industr...
2SA1724 KEXIN-2SA1724 Datasheet
374Kb / 3P
   Video Output Driver Applications
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Savitech Corp.
SV5309 SAVITECH-SV5309 Datasheet
220Kb / 8P
   Standard Definition Video Filter Driver
logo
SG Micro Corp
SGM9149 SGMICRO-SGM9149 Datasheet
310Kb / 10P
   Standard Definition Video Filter Driver
logo
Mitsumi Electronics, Co...
MM1221 MITSUMI-MM1221 Datasheet
95Kb / 7P
   2-Input 1-Output Video Switch (W/75OHM driver)/3-Input 1-Output Video Switch (W/75OHM driver)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com