Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6246 Datasheet(PDF) 11 Page - Rohm

Part # BA6246
Description  Reversible motor drivers (for two motors series)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6246 Datasheet(HTML) 11 Page - Rohm

Back Button BA6246 Datasheet HTML 7Page - Rohm BA6246 Datasheet HTML 8Page - Rohm BA6246 Datasheet HTML 9Page - Rohm BA6246 Datasheet HTML 10Page - Rohm BA6246 Datasheet HTML 11Page - Rohm BA6246 Datasheet HTML 12Page - Rohm BA6246 Datasheet HTML 13Page - Rohm BA6246 Datasheet HTML 14Page - Rohm BA6246 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Technical Note
11/15
BA6246, BA6246N, BA6247FP-Y, BA6239A, BA6238A, BA6238AN
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
2) Output high voltage setting
This function optionally sets output voltage by the VR pin and controls the motor rotating speed. However, when the
output high voltage is set to a low level, consumption at IC increases. Carry out thermal design with sufficient margin
incorporated with the power dissipation (Pd) under the actual application condition taken into account. Please do not to
exceed the VCC1 and VCC2 voltage forced to the VR pin voltage.
a) BA6246, BA6246N, BA6247FP-Y
The circuit diagram associated with the output high voltage setting VR pin is as per shown on the right.
The output high and low voltages VOH and VOL are expressed by:
VOH = VR + ( VF(Q5) + VF(Q4) ) - ( VF(Q2) + VF(Q3) )
VOH ≈ VR
VOL = VSAT(Q7) + VF(Q6)
(Reference values; VSAT ≈ 0.2V, VF ≈ 0.7V)
In addition, the relation of VREF voltage to output voltage
is expressed by:
VR < VCC1 - VSAT(Q1) - VF(Q4) - VF(Q5)
VR < VCC2 - VSAT(Q3) + (VF(Q2) +VF(Q3)) - ( VF(Q4) + VF(Q5) )
Therefore, when the VR voltage condition is as follows, the output high voltage is restricted.
VR > VCC1 - VSAT(Q1) - VF(Q4) - VF(Q5)
VR > VCC2 - VSAT(Q3) + (VF(Q2) +VF(Q3)) - ( VF(Q4) + VF(Q5) )
VOH = VCC1 - VSAT(Q1) - VF(Q2) - VF(Q3)
VOH = VCC2 - VSAT(Q3)
b) BA6239A
The circuit diagram associated with the output high voltage setting VR pin is as per shown on the right.
The output high and low voltages VOH and VOL are expressed by:
VOH = VR - ( VSAT(Q1) + VF(Q2) )
VOL = VSAT(Q3) + VF(Q4)
(Reference values; VSAT ≈ 0.1V, VF ≈ 0.7V)
In addition, the relation of VREF voltage to output voltage
is expressed by:
( VSAT(Q1) + VF(Q2) ) < VR < VCC2 - VSAT(Q2) + VF(Q2) + VSAT(Q1)
Therefore, when the VR voltage condition is as follows,
the output high voltage is restricted.
VR > VCC2 - VSAT(Q2) + VF(Q2) + VSAT(Q1)
VOH = VCC2 - VSAT(Q2)
VR
VCC2
Q1
Q2
OUT
GND
Q4
Q3
Fig.36 BA6239A
VCC2
VCC1
VR
Q1
Q2
Q3
Q4
Q5
OUT
GND
Q6
Q7
Fig.35 BA6246, BA6246N, BA6247FP-Y


Similar Part No. - BA6246

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
121Kb / 6P
   Reversible motor driver
More results

Similar Description - BA6246

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6247FP-Y ROHM-BA6247FP-Y Datasheet
283Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246N ROHM-BA6246N Datasheet
275Kb / 5P
   Reversible motor driver for 2 motors
BA6238A ROHM-BA6238A_1 Datasheet
282Kb / 5P
   Reversible Motor Driver for 2 motors
BA6246 ROHM-BA6246 Datasheet
278Kb / 5P
   Reversible Motor Driver for 2 motors
BA6239A ROHM-BA6239A Datasheet
272Kb / 5P
   Reversible Motor Driver for 2 motors
BA6238AN ROHM-BA6238AN Datasheet
276Kb / 5P
   Reversible Motor Driver for 2 motors
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com