Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA6222 Datasheet(PDF) 4 Page - Rohm

Part No. BA6222
Description  Reversible motor drivers (up to 2A series)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Datasheet(HTML) 4 Page - Rohm

  BA6222 Datasheet HTML 1Page - Rohm BA6222 Datasheet HTML 2Page - Rohm BA6222 Datasheet HTML 3Page - Rohm BA6222 Datasheet HTML 4Page - Rohm BA6222 Datasheet HTML 5Page - Rohm BA6222 Datasheet HTML 6Page - Rohm BA6222 Datasheet HTML 7Page - Rohm BA6222 Datasheet HTML 8Page - Rohm BA6222 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Technical Note
4/10
BA6219BFP-Y, BA6222
www.rohm.com
2009.04 - Rev.A
c
2009 ROHM Co., Ltd. All rights reserved.
Block diagram and pin configuration
BA6219BFP-Y
Fig.13 BA6219BFP-Y
Fig.14 HSOP25
BA6222
Fig.15 BA6222
Fig.16 HSIP10
Table 1 BA6219BFP-Y
Pin
Name
Function
2
CD1
Cross conduction control pin
4
VR
Reference voltage setting pin
6
IN1
Control input (forward)
7
GND
GND
8
IN2
Control input (reverse)
10
VCC1
Power supply (small signal)
11
VCC2
Power supply (driver stage)
13
CD2
Cross conduction control pin
15
OUT2
Driver output
19
GND
GND
20
GND
GND
24
OUT1
Driver output
FIN
GND
GND
Note: All pins not described above are NC pins.
Table 2 BA6222
Pin
Name
Function
1
GND
GND
2
OUT1
Driver output
3
CD1
Cross conduction control pin
4
VR
Reference voltage setting pin
5
IN1
Control input (forward)
6
IN2
Control input (reverse)
7
VCC1
Power supply (small signal)
8
VCC2
Power supply (driver stage)
9
CD2
Cross conduction control pin
10
OUT2
Driver output
FIN
GND
GND
10
11
2
13
6
8
CTRL
IN1
IN2
VCC2
VCC1
CD2
CD1
19
GND
TSD
24
15
OUT2
OUT1
4
VR
FIN
M
20
GND
7
GND
C1
R1
C2
C3
ZD
C4
7
8
3
9
5
6
CTRL
IN1
IN2
VCC2
VCC1
CD2
CD1
1
GND
TSD
2
10
OUT2
OUT1
4
VR
FIN
M
C1
R1
C2
C3
ZD
C4
C5
x4
x4
NC
CD1
GND
NC
VR
NC
IN1
GND
IN2
NC
VCC1
VCC2
NC
CD2
NC
OUT1
GND
NC
NC
NC
GND
GND
NC
NC
NC
OUT2
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn