Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA823F Datasheet(PDF) 6 Page - Rohm

Part # BA823F
Description  Serial-Parallel 3-input Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA823F Datasheet(HTML) 6 Page - Rohm

  BA823F Datasheet HTML 1Page - Rohm BA823F Datasheet HTML 2Page - Rohm BA823F Datasheet HTML 3Page - Rohm BA823F Datasheet HTML 4Page - Rohm BA823F Datasheet HTML 5Page - Rohm BA823F Datasheet HTML 6Page - Rohm BA823F Datasheet HTML 7Page - Rohm BA823F Datasheet HTML 8Page - Rohm BA823F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BA823F
Technical Note
6/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Interfaces
(a) Input
(b) Output
(c) Serial data output
Fig.8
Thermal derating curve
At repetition frequency 1Hz or higher
Fig.9 Output conditions
10kΩ
1,2,15pin
20kΩ
100Ω
10kΩ
5kΩ
VCC
200Ω
500Ω
3pin
0
20
40
60
80
100
OUTPUT DUTY CYCLE(ALL BIT “ON”)(%)
40
80
120
160
200
0
13% 30%
48mA
42mA
22mA
18mA
BA823
Ta=25℃
34%
BA823F
Ta=75℃
15%
1.0kΩ
5.5kΩ
VCC
5,6,7,8,9,10,11,12pin
12kΩ


Similar Part No. - BA823F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA823F ROHM-BA823F Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
More results

Similar Description - BA823F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6338P TOSHIBA-TD6338P Datasheet
235Kb / 6P
   Bi-CMOS 10 BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Princeton Technology Co...
PT16940 PTC-PT16940 Datasheet
226Kb / 4P
   Serial-In Parallel-Out 12CH LED Driver with 3-Line Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com