Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA823F Datasheet(PDF) 4 Page - Rohm

Part # BA823F
Description  Serial-Parallel 3-input Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA823F Datasheet(HTML) 4 Page - Rohm

  BA823F Datasheet HTML 1Page - Rohm BA823F Datasheet HTML 2Page - Rohm BA823F Datasheet HTML 3Page - Rohm BA823F Datasheet HTML 4Page - Rohm BA823F Datasheet HTML 5Page - Rohm BA823F Datasheet HTML 6Page - Rohm BA823F Datasheet HTML 7Page - Rohm BA823F Datasheet HTML 8Page - Rohm BA823F Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BA823F
Technical Note
4/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Measurement circuits
Item
SW1
SW2
ICC
1
1
IIH
2
1~3
Fig.3 Icc 1st measurement circuit
Item
SW1
SW2
SW3
VO ON
1
1~8
1
IOL
1
1~8
1
VO OFF
2
1~8
2
IO = 10μA when VO OFF is measured
VA = 30V when IO ON is measured
Fig.4 Vo ON, Vo OFF, IOL measurement circuit
Input conditions
Fig.5
A
A
PG
Data should be left “0”.
Vcc=5.0V
VIN=4.5V
SW2
3
2
1
2
SW1
After 8 pulses have elapsed.
BA823F
1
VCC=5.0V
PG
1
2
SW1
SW2
SW3
1
2
3
4
5
6
7
8
1
2
IO
82Ω
100mA
VA
BA823F
A
After 8 pulses have elapsed.
t1 t2
t3
Data input
D1
Shift pulse
C
Print pulse
S


Similar Part No. - BA823F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA823F ROHM-BA823F Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
More results

Similar Description - BA823F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
   Serial / Parallel 5-input Driver
logo
Toshiba Semiconductor
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
   10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6338P TOSHIBA-TD6338P Datasheet
235Kb / 6P
   Bi-CMOS 10 BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2050F ROHM-BU2050F_1 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BD7851FP-E2 ROHM-BD7851FP-E2 Datasheet
451Kb / 25P
   Serial / Parallel 4-input Drivers
BU2050F ROHM-BU2050F_09 Datasheet
491Kb / 25P
   Serial / Parallel 4-input Drivers
BU2098F ROHM-BU2098F_09 Datasheet
299Kb / 13P
   Serial / Parallel 2-input Drivers
logo
System Logic Semiconduc...
SL74HC164 SLS-SL74HC164 Datasheet
50Kb / 5P
   8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Princeton Technology Co...
PT16940 PTC-PT16940 Datasheet
226Kb / 4P
   Serial-In Parallel-Out 12CH LED Driver with 3-Line Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com