Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950PWTR Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC28950PWTR
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950PWTR Datasheet(HTML) 2 Page - Texas Instruments

  UCC28950PWTR Datasheet HTML 1Page - Texas Instruments UCC28950PWTR Datasheet HTML 2Page - Texas Instruments UCC28950PWTR Datasheet HTML 3Page - Texas Instruments UCC28950PWTR Datasheet HTML 4Page - Texas Instruments UCC28950PWTR Datasheet HTML 5Page - Texas Instruments UCC28950PWTR Datasheet HTML 6Page - Texas Instruments UCC28950PWTR Datasheet HTML 7Page - Texas Instruments UCC28950PWTR Datasheet HTML 8Page - Texas Instruments UCC28950PWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
UCC28950
SLUSA16 – MARCH 2010
www.ti.com
DESCRIPTION (CONT.)
The UCC28950 also offers multiple light-load management features including burst mode and dynamic SR on/off
control when transitioning in and out of Discontinuous Current Mode (DCM) operation, ensuring ZVS operation is
extended down to much lighter loads.
In addition, the UCC28950 includes support for peak current along with voltage mode control, programmable
switching frequency up to 1 MHz and a wide set of protection features including cycle-by-cycle current limit,
UVLO and thermal shutdown. A 90-degree phase-shifted interleaved synchronized operation can be easily
arranged between two converters.
The UCC28950 is available in TSSOP-24 package.
ORDERING INFORMATION
TEMPERATURE RANGE, TA =
PACKAGE
TAPE AND REEL QTY.
PART NUMBER
TJ
250
UCC28950PW
-40°C to 125°C
Plastic 24-pin TSSOP (PW)
2000
UCC28950PWTR
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1) (2)
PARAMETER
VALUE
UNIT
Input supply voltage range, VDD
(3)
-0.4 to 20.0
OUTA, OUTB, OUTC, OUTD, OUTE, OUTF
-0.4 to VDD + 0.4
Inputs voltages on DELAB, DELCD, DELEF, SS/EN, DCM, TMIN, RT, SYNC, RSUM, EA+, EA-,
-0.4 to VREF +
COMP, CS, ADEL, ADELEF
0.4
V
Output voltage on VREF
-0.4 to 5.6
ESD rating, HBM
2 k
ESD rating, CDM
500
Continuous total power dissipation
See dissipation rating table
Operating virtual junction temperature range, TJ
-40 to 150
Operating ambient temperature range, TA
-40 to 125
°C
Storage temperature, Tstg
-65 to 150
Lead temperature (soldering, 10 sec.)
300
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(3)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. See
Packaging Section of the datasheet for thermal limitations and considerations of packages.
DISSIPATION RATINGS
(1)
DERATING
POWER RATING
FACTOR
RqJC
RqJA
PACKAGE
(°C/W)
(°C/W)
ABOVE TA =
TA < 25°C
TA = 70°C
TA = 85°C
25°C
PW
18.5
89.3
11.2 mW/ °C
1.12 W
0.615 W
0.448 W
(1)
These thermal data are taken at standard JEDEC test conditions and are useful for the thermal performance comparison of different
packages. The cooling condition and thermal impedance RqJA of practical design is specific.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI1-UCC28950PW Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950PWR TI-UCC28950PWR Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com