Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC28950PWTR Datasheet(PDF) 13 Page - Texas Instruments

Part # UCC28950PWTR
Description  Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28950PWTR Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28950PWTR Datasheet HTML 9Page - Texas Instruments UCC28950PWTR Datasheet HTML 10Page - Texas Instruments UCC28950PWTR Datasheet HTML 11Page - Texas Instruments UCC28950PWTR Datasheet HTML 12Page - Texas Instruments UCC28950PWTR Datasheet HTML 13Page - Texas Instruments UCC28950PWTR Datasheet HTML 14Page - Texas Instruments UCC28950PWTR Datasheet HTML 15Page - Texas Instruments UCC28950PWTR Datasheet HTML 16Page - Texas Instruments UCC28950PWTR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
OUTA
(OUTC)
OUTB
(OUTD)
T
ABSET1
T
CDSET1
T
ABSET2
T
CDSET2
T
ABSET2
T
CDSET2
T
ABSET1
T
CDSET1
UCC28950
www.ti.com
SLUSA16 – MARCH 2010
Adaptive Delay, (Delay between OUTA and OUTB, OUTC and OUTD (DELAB, DELCD, ADEL))
The resistor RAB from the DELAB pin, DELAB to GND, along with the resistor divider RAHI from CS pin to ADEL
pin and RA from ADEL pin to GND sets the delay TABSET between one of outputs OUTA or OUTB going low and
another output going high Figure 3.
Figure 3. Delay definitions between OUTA and OUTB, OUTC and OUTD
This delay gradually increases as a function of the CS signal from TABSET1, which is measured at VCS = 1.8 V, to
TABSET2, which is measured at the VCS = 0.2 V. This approach ensures there will be no shoot-through current
during the high-side and low-side MOSFET switching and optimizes the delay for ZVS condition over a wide load
current range. Depending on the resistor divider RAHI and RA, the proportional ratio between longest and shortest
delay is set. The max ratio is achieved by tying the CS and ADEL pins together. If ADEL is connected to GND,
then the delay is fixed, defined only by the resistor RAB from DELAB to GND. The delay TCDSET1 and TCDSET2
settings and their behaviour for outputs OUTC and OUTD are very similar to the one described for OUTA and
OUTB. The difference is that resistor RCD connected between DELCD pin and GND sets the delay TCDSET.
Delays for outputs OUTC and OUTD share with the outputs OUTA and OUTB the same CS voltage dependence
pin ADEL.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): UCC28950


Similar Part No. - UCC28950PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950PW TI-UCC28950PW Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI-UCC28950PW Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PW TI1-UCC28950PW Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950PWR TI-UCC28950PWR Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950PWR TI-UCC28950PWR Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results

Similar Description - UCC28950PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_11 Datasheet
838Kb / 46P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   UCC28950 Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046SQX TI1-LM5046SQX Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com