Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF371135 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TRF371135
Description  INTEGRATED IQ DEMODULATOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF371135 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TRF371135 Datasheet HTML 36Page - Texas Instruments TRF371135 Datasheet HTML 37Page - Texas Instruments TRF371135 Datasheet HTML 38Page - Texas Instruments TRF371135 Datasheet HTML 39Page - Texas Instruments TRF371135 Datasheet HTML 40Page - Texas Instruments TRF371135 Datasheet HTML 41Page - Texas Instruments TRF371135 Datasheet HTML 42Page - Texas Instruments TRF371135 Datasheet HTML 43Page - Texas Instruments TRF371135 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
TRF371135
SLWS220A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
Table 2. Register 1 Device Setup (continued)
REGISTER 1
NAME
RESET VALUE
WORKING DESCRIPTION
Bit11
NU
1
Not used
Bit12
BBGAIN_0
1
Baseband gain setting. Default = 15. Range is from 0 (minimum gain
Bit13
BBGAIN_1
1
setting) to 24 (maximum gain setting). See the Application Information
Bit14
BBGAIN_2
1
section for more information on gain setting and fast gain control
Bit15
BBGAIN_3
1
options.
Bit16
BBGAIN_4
0
Bit17
LPFADJ_0
0
Bit18
LPFADJ_1
0
Bit19
LPFADJ_2
0
Sets programmable low-pass filter corner frequency. Range = 255
Bit20
LPFADJ_3
0
(lowest corner frequency) to 0 (highest corner frequency). Default value
Bit21
LPFADJ_4
0
is 128.
Bit22
LPFADJ_5
0
Bit23
LPFADJ_6
0
Bit24
LPFADJ_7
1
Bit25
EN_FLT_B0
0
Selects dc offset detector filter bandwidth.
Setting {00, 01, 11} = {10 MHz, 10 kHz, 1 kHz}
Bit26
EN_FLT_B1
0
Bit27
EN_FASTGAIN
0
Enable external fast-gain control
Bit28
GAIN_SEL
0
Fast-gain control multiplier bit (×2 = 1)
Bit29
OSC_TEST
0
Enables OSC out on readback pin if = 1
Bit30
NU
0
Not used
Bit31
EN 3dB Attn
0
Enables output 3-dB attenuator
EN_FLT_B0/1: These bits control the bandwidth of the detector used to measure the dc offset during the
automatic calibration. There is an RC filter in front of the detector that can be fully bypassed. EN_FLT_B0
controls the resistor (bypass = 1), while EN_FLT_B1 controls the capacitor (bypass = 1). The typical 3-dB cutoff
frequencies of the detector bandwidth are summarized in the following table (see the Application Information
section for more detail on the dc offset calibration and the detector bandwidth).
EN_FLT_B1
EN_FLT_B0
TYPICAL 3-dB CUTOFF FREQ
NOTES
X
0
10 MHz
Maximum bandwidth, bypass R, C
0
1
10 kHz
Enable R
1
1
1 kHz
Minimum bandwidth, enable R, C
Table 3. Register 2 Device Setup
REGISTER 2
NAME
RESET VALUE
WORKING DESCRIPTION
Bit0
ADDR<0>
0
Bit1
ADDR<1>
1
Register address
Bit2
ADDR<2>
0
Bit3
ADDR<3>
1
SPI bank address
Bit4
ADDR<4>
0
Bit5
EN_AUTOCAL
0
Enable autocal when = 1; reset to 0 when done.
40
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TRF371135


Similar Part No. - TRF371135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
More results

Similar Description - TRF371135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
NTE Electronics
NTE1489 NTE-NTE1489 Datasheet
25Kb / 3P
   Integrated Circuit Stereo Demodulator
NTE1099 NTE-NTE1099 Datasheet
82Kb / 2P
   Integrated Circuit Chroma Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com